Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF1112 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF1112
Description  10ppm/C, 1UA, 1.25V Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF1112 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  REF1112 Datasheet HTML 1Page - Burr-Brown (TI) REF1112 Datasheet HTML 2Page - Burr-Brown (TI) REF1112 Datasheet HTML 3Page - Burr-Brown (TI) REF1112 Datasheet HTML 4Page - Burr-Brown (TI) REF1112 Datasheet HTML 5Page - Burr-Brown (TI) REF1112 Datasheet HTML 6Page - Burr-Brown (TI) REF1112 Datasheet HTML 7Page - Burr-Brown (TI) REF1112 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REF1112
2
SBOS283
www.ti.com
REF1112 - 1.25V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REVERSE BREAKDOWN VOLTAGE
IREF = 1.2µA
1.2475
1.25
1.2525
V
-0.2
+ 0.2
%
TEMPERATURE COEFFICIENT
1.2
µA < IREF < 5mA
0°C to +70°C
10
30
ppm/°C
–40°C to +85°C
15
50
ppm/°C
–40°C to +125°C
15
ppm/°C
MINIMUM OPERATING CURRENT
1
1.2
µA
REVERSE BREAKDOWN VOLTAGE
30
100
ppm/mA
CHANGE WITH CURRENT
1.2
µA < IREF < 5mA
REVERSE DYNAMIC IMPEDANCE
1.2
µA < IREF < 5mA
0.037
0.125
Ω
LOW-FREQUENCY NOISE(1)
0.1Hz
< IREF < 10Hz
25
µV
PP
THERMAL HYSTERESIS(2)
100
ppm
LONG-TERM STABILITY
+25°C ± 0.1°C
60
ppm/kHr
TEMPERATURE CHARACTERISTICS
Specified Range
–40
+125
°C
Operating Range
–55
+125
°C
Storage Range
–65
+150
°C
Thermal Resistance
θJA
PRELIMINARY ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, IREF = 1.2µA, and CLOAD = 10nF, unless otherwise noted.
SOT23-3 Surface-Mount
135
°C/W
(1) Peak-to-peak noise is measured with a 2-pole high-pass filter at 0.1Hz and a 4-pole low-pass chebyshev filter at 10Hz.
(2) Thermal hysteresis is defined as the change in output voltage after operating the device at 25°C, cycling the device through the specified temperature range, and
returning to 25°C.
Reverse Breakdown Current ............................................................ 10mA
Forward Current ............................................................................... 10mA
Operating Temperature ................................................. –55°C to +125°C
Storage Temperature .................................................... –65°C to +150°C
Junction Temperature .................................................................. +150°C
Lead Temperature (soldering, 10s) ............................................... +300°C
(1) Stresses above these ratings may cause permanent damage. Exposure
to absolute maximum conditions for extended periods may degrade device
reliability. These are stress ratings only, and functional operation of the device
at these or any other conditions beyond those specified is not implied.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from performance
degradation to complete device failure. Texas Instruments recom-
mends that all integrated circuits be handled and stored using appro-
priate ESD protection methods.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet published specifications.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
REF1112
SOT23-3
DBZ
–40°C to +125°C
R11A
REF1112AIDBZT
Tape and Reel, 250
"
"""
"
REF1112AIDBZR
Tape and Reel, 3000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com