Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5015 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5015
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5015 DIGITAL AUDIO PWM PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5015 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5015 Datasheet HTML 1Page - Texas Instruments TAS5015 Datasheet HTML 2Page - Texas Instruments TAS5015 Datasheet HTML 3Page - Texas Instruments TAS5015 Datasheet HTML 4Page - Texas Instruments TAS5015 Datasheet HTML 5Page - Texas Instruments TAS5015 Datasheet HTML 6Page - Texas Instruments TAS5015 Datasheet HTML 7Page - Texas Instruments TAS5015 Datasheet HTML 8Page - Texas Instruments TAS5015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TAS5015
SLES017 – SEPTEMBER 2001
TRUE DIGITAL AUDIO AMPLIFIER
TAS5015 DIGITAL AUDIO PWM PROCESSOR
1
www.ti.com
FEATURES
D TAS5015 Plus Discrete Back-End TDAA
System — High-Quality Digital Audio
Amplification
D 112-dB Dynamic Range (TAS5015 Device)
D THD+N < 0.01%
D Power Efficiency Is 90% into 8-Ω Load
D 16-, 20-, or 24-Bit Input Data
D 44.1-kHz, 48-kHz, 88.2-kHz, 96-kHz, 176.4-kHz,
192-kHz Sampling Rates
D Economical 48-Pin TQFP Package
D External PLL
D 3.3-V Power Supply
D Mute
D Clicks and Pops Reduction (Patent Pending)
APPLICATIONS
D High-Performance Digital Amplification For:
– Integrated Amplifiers
– AV Receiver
– Car Audio
DESCRIPTION
The true digital audio amplifier (TDAA) is a new
paradigm in digital audio. One TDAA system consists of
the TAS5015 PCM-PWM modulator device plus a
discrete back-end TDAA power output. This system
accepts a serial PCM digital audio stream and converts
it to a 3.3-V PWM audio stream (TAS5015). The
discrete back-end TDAA then provides a large-signal
PWM output. This digital PWM signal is then
demodulated, providing power output for driving
loudspeakers. This patented technology provides
low-cost, high-quality, high-efficiency digital audio
applicable to many audio systems developed for the
digital
age.
The
TAS5015
is
an
innovative,
cost-effective,
high-performance
24-bit
stereo
PCM-PWM modulator based on Equibit
 technology.
The TAS5015 has a wide variety of serial input options
including right-justified (16, 20, or 24 bits), IIS (16, 20,
or 24 bits), left-justified (16 bits), or DSP (16 bits) data
formats. It is fully compatible with AES standard
sampling rates (Fs) of 44.1 kHz, 48 kHz, 88.2 kHz, 96
kHz, 176.4 kHz, and 192 kHz. The TAS5015 also
provides a de-emphasis function for 44.1-kHz and
48-kHz sampling rates.
TAS5015
Discrete
Back-End
Left
Volume
EQ
DRC
Bass
Treble
Serial Audio Input Port
External PLL
Equibit Modulator
Up to 192-kHz Sampling
Digital Audio
Processor
• DSP
• S/PDIF
• 1394
Digital Audio
H-Bridges
Power Devices
Improved Performance
From TAS5100
Discrete
Back-End
Right
L-C
Filter
L-C
Filter
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Equibit is a trademark of Toccata Technology ApS, Denmark.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TAS5015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5015 TI-TAS5015 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015IPFB TI-TAS5015IPFB Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015PFB TI-TAS5015PFB Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015PFBG4 TI-TAS5015PFBG4 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
More results

Similar Description - TAS5015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5010 TI-TAS5010 Datasheet
229Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5010 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001 Datasheet
229Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_15 Datasheet
407Kb / 21P
TRUE DIGITAL AUDIO AMPLIFIER TAS50001 DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_15 Datasheet
404Kb / 21P
TRUE DIGITAL AUDIO AMPLIFIER TAS 5010 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_15 Datasheet
232Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS 5012 DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com