Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL56 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SL56
Description  High Surge forward current capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SL56 Datasheet(HTML) 1 Page - Micro Commercial Components

  SL56 Datasheet HTML 1Page - Micro Commercial Components SL56 Datasheet HTML 2Page - Micro Commercial Components SL56 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S
L54
THRU
S
L510
5 Amp Schottky
Rectifier
40~100 Volts
Features
•
Extremely Low Thermal Resistance
•
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
40V
28V
40V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5.0A
TA =
75°C
Peak Forward Surge
Current
IFSM
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
.5mA
Ta = 25°C
Maximum Instantaneous
Forward Voltage
VF
.
45V
IFM =
5.0A;
Ta = 25°C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
A
2015/12/15
www.mccsemi.com
1 of
3
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7
a.
100A
8.3ms, half sine
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
Maximum Ratings
High
Surge forward current capability
•
Operating Temperature: -5
5°C to +150°C
•
Storage Temperature: -5
5°C to +150°C
•
Maximum Thermal Resistance; 1
5°C/W Junction To Lead
S
L54
Micro Commercial Components
M C C
TM
60V
42V
60V
S
L54
S
L56
S
L510
.
50V
.
70V
S
L54
S
L56
S
L56
S
L510
S
L510
100V
100V
70V
0.0
70”
0.1
90
0.12
5”
SUGGESTED SOLDER
PAD LAYOUT
DO-214AB
(SMC) (LEAD FRAME)
A
B
D
C
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.260
.280
6.60
7.11
B
.220
.245
5.59
6.22
C
.006
.012
0.15
0.31
D
.030
.
.060
0.76
1..52
E
.305
.320
7.75
8.13
F
.079
.103
2.00
2.62
G
.108
.128
2.75
3.25
H
.002
.008
0.050
0.203


Similar Part No. - SL56

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL56 MCC-SL56 Datasheet
451Kb / 3P
5 Amp Low VF Schottky Rectifier 40~100 Volts
logo
DAESAN ELECTRONIC CORP.
SL56 DAESAN-SL56 Datasheet
282Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Zarlink Semiconductor I...
SL560 ZARLINK-SL560 Datasheet
105Kb / 8P
300MHz LOW NOISE AMPLIFIER
logo
Shanghai Leiditech Elec...
SL560 LEIDITECH-SL560 Datasheet
278Kb / 3P
5.0Amp Surfacs Mounted Schottky Barrier Rectifiers
logo
Zarlink Semiconductor I...
SL560CCM ZARLINK-SL560CCM Datasheet
105Kb / 8P
300MHz LOW NOISE AMPLIFIER
More results

Similar Description - SL56

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBL005 PFS-KBL005_1 Datasheet
257Kb / 2P
High forward surge current capability
KBPC1505WN PFS-KBPC1505WN_1 Datasheet
212Kb / 2P
High forward surge current capability
KBPC2505NW PFS-KBPC2505NW_1 Datasheet
215Kb / 2P
High forward surge current capability
KBPC15005N PFS-KBPC15005N_1 Datasheet
220Kb / 2P
High forward surge current capability
KBPC25005W PFS-KBPC25005W_1 Datasheet
215Kb / 2P
High forward surge current capability
logo
DIOTEC Electronics Corp...
1N4001S DEC-1N4001S Datasheet
666Kb / 2P
High forward surge current capability
6A05 DEC-6A05 Datasheet
784Kb / 2P
High forward surge current capability
UF4001 DEC-UF4001 Datasheet
660Kb / 2P
High forward surge current capability
logo
Micro Commercial Compon...
SMD12HE MCC-SMD12HE Datasheet
402Kb / 3P
High surge forward current capability
UD2KB05 MCC-UD2KB05 Datasheet
488Kb / 3P
High surge forward current capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com