Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5100 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5100
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5100 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5100 Datasheet HTML 1Page - Texas Instruments TAS5100 Datasheet HTML 2Page - Texas Instruments TAS5100 Datasheet HTML 3Page - Texas Instruments TAS5100 Datasheet HTML 4Page - Texas Instruments TAS5100 Datasheet HTML 5Page - Texas Instruments TAS5100 Datasheet HTML 6Page - Texas Instruments TAS5100 Datasheet HTML 7Page - Texas Instruments TAS5100 Datasheet HTML 8Page - Texas Instruments TAS5100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TAS5100A
SLES030 – FEBRUARY 2002
TRUE DIGITAL AUDIO AMPLIFIER
TAS5100A PWM POWER OUTPUT STAGE
1
www.ti.com
FEATURES
D TAS5000 + TAS5100A TDAA System-High
Quality Digital Audio Amplification
D 93-dB Dynamic Range (TDAA System)
D THD+N < 0.08% (1 kHz, 1 W to 30 W RMS
Into 6
Ω)
D Power Efficiency > 90% Into 8-Ω Load
D Low Profile, SMD 32-Pin PowerPAD Package
Requires No Heat-Sink When Using
Recommended Layout
D 30-W RMS Continuous Power Into 4 Ω to 8 Ω
D Self-Protecting Design
D 3.3-V Digital Interface
D EMI Compliant When Used With
Recommended System Design
APPLICATIONS
D DVD Receiver
D Home Theater
D Car Audio Amplifiers and Head Units
D Internet Music Appliance
D Mini/Micro Component Systems
DESCRIPTION
True digital audio amplifier (TDAA) is a new paradigm
in digital audio. The TDAA system currently consists of
the
TAS5000
PCM-PWM
modulator
device
+
TAS5100A PWM power output device. This system
accepts a serial PCM digital audio stream and converts
it to a 3.3-V PWM audio stream (TAS5000). The
TAS5100A device then provides a large-signal PWM
output. This digital PWM signal is then demodulated
providing power output for driving loudspeakers. This
patented technology provides low-cost, high-quality,
high-efficient digital audio applicable to many audio
systems developed for the digital age. The TAS5100A
is a single-channel PWM power audio device. It
contains integrated gate drivers, four matched and
electrically isolated enhancement- mode N-channel
power DMOS transistors. Also, included are protection
and fault-reporting circuitry. This device is optimized for
use with the TAS5000 digital modulator.
TYPICAL TDAA STEREO AUDIO SYSTEM
Digital Audio
• TAS3001
• DSP
• SPDIF
• 1394
TAS5000
L-C
Filter
L-C
Filter
Left
Right
TAS5100
A
• Volume
• EQ
• DRC
• Bass
• Treble
• Serial Audio Input Port
• Internal PLL
• PCM–PWM Modulator
• 2 H-Bridge Power Devices
TAS5100
A
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD and Equibit are trademarks of Texas Instruments.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TAS5100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5100 TI1-TAS5100 Datasheet
221Kb / 16P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100A TI-TAS5100A Datasheet
527Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100ADAP TI-TAS5100ADAP Datasheet
527Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100ADAPR TI-TAS5100ADAPR Datasheet
527Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100ADAPRG4 TI-TAS5100ADAPRG4 Datasheet
527Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
More results

Similar Description - TAS5100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5110 TI-TAS5110 Datasheet
264Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
TAS5101 TI-TAS5101 Datasheet
185Kb / 14P
TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5100A TI-TAS5100A_07 Datasheet
527Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5001 TI-TAS5001_15 Datasheet
407Kb / 21P
TRUE DIGITAL AUDIO AMPLIFIER TAS50001 DIGITAL AUDIO PWM PROCESSOR
TAS5100 TI1-TAS5100_08 Datasheet
221Kb / 16P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com