Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS36HE Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SS36HE
Description  High current capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS36HE Datasheet(HTML) 2 Page - Micro Commercial Components

  SS36HE Datasheet HTML 1Page - Micro Commercial Components SS36HE Datasheet HTML 2Page - Micro Commercial Components SS36HE Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: A
2015/09/17
www.mccsemi.com
2 of 3
Characteristics(Typical)
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=25℃
FIG4:Typical Reverse Characteristics
0
0
0.5
Ta℃
)
FIG1:Io-Ta Curve
160
Single Phase
Half Wave 60Hz
Resistive Load
40
80
120
1.0
1.5
2.0
2.5
3.0
SS32HE-SS34HE
SS35HE-SS320HE
1
0
2
5
10
20
50
100
10
FIG2:Surge Forward Current Capadility
Number of Cycles
20
30
40
50
60
70
8.3ms Single Half Sine Wave
JEDEC Method
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.02
0.05
VF(V)
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
SS32HE~SS34HE
SS35HE~SS36HE
SS38HE~SS310HE
SS315HE~SS320HE
Micro Commercial Components
M C C
TM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com