Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD2KB05 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # UD2KB05
Description  High surge forward current capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UD2KB05 Datasheet(HTML) 1 Page - Micro Commercial Components

  UD2KB05 Datasheet HTML 1Page - Micro Commercial Components UD2KB05 Datasheet HTML 2Page - Micro Commercial Components UD2KB05 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UD2KB05
THRU
UD2KB100
2 Amp
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
D3K
High surge forward current capability
Halogen free available upon request by adding suffix "-HF"
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UD2KB05
UD2KB05
50V
35V
50V
UD2KB10
UD2KB10
100V
70V
100V
UD2KB20
UD2KB20
200V
140V
200V
UD2KB40
UD2KB40
400V
280V
400V
UD2KB60
UD2KB60
600V
420V
600V
UD2KB80
UD2KB80
800V
560V
800V
UD2KB100 UD2KB100
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0 A
Tc = 140
°C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.05V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 µA Ta = 25°C
Thermal Resistance
RthJA
55
oC/W
RthJC
1.5
o
C/W
IFM = 1.0A
I t Rating for fusing
2
I t
2
15A S
2
(1ms< t<8.3ms)
Revision: A
2015/08/18
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.524
.563
13.30
14.30
B
.252
.291
6.40
7.40
C
.177
.217
4.50
5.50
E
.041
.057
1.05
1.45
G
.024
.033
0.60
0.85
J
.102
.142
2.60
3.60
K
.122
.134
3.10
3.40
H
.146
.154
3.70
3.90
L
.079
.087
2.00
2.20
M
.016
.024
0.40
0.60
•
Mounting Torque: 0.5 N m
Micro Commercial Components
M C C
TM
•
UL Recognized File # E165989
•
J
B
C
D
E
F
G
K
L
M
A
H
D
.406
.445
10.30
11.30
F
.516
.531
13.10
13.50


Similar Part No. - UD2KB05

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UD2KB05 ZSELEC-UD2KB05 Datasheet
118Kb / 2P
2.0A BRIDGE RECTIFIER
UD2KB05 ZSELEC-UD2KB05 Datasheet
104Kb / 2P
2.0A BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
UD2KB05 ASEMI-UD2KB05 Datasheet
153Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Micro Commercial Compon...
UD2KB05 MCC-UD2KB05_17 Datasheet
312Kb / 3P
2 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Zibo Seno Electronic En...
UD2KB05 ZSELEC-UD2KB05_V01 Datasheet
104Kb / 2P
2.0A BRIDGE RECTIFIER
More results

Similar Description - UD2KB05

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBL005 PFS-KBL005_1 Datasheet
257Kb / 2P
High forward surge current capability
KBPC1505WN PFS-KBPC1505WN_1 Datasheet
212Kb / 2P
High forward surge current capability
KBPC2505NW PFS-KBPC2505NW_1 Datasheet
215Kb / 2P
High forward surge current capability
KBPC15005N PFS-KBPC15005N_1 Datasheet
220Kb / 2P
High forward surge current capability
KBPC25005W PFS-KBPC25005W_1 Datasheet
215Kb / 2P
High forward surge current capability
logo
DIOTEC Electronics Corp...
1N4001S DEC-1N4001S Datasheet
666Kb / 2P
High forward surge current capability
6A05 DEC-6A05 Datasheet
784Kb / 2P
High forward surge current capability
UF4001 DEC-UF4001 Datasheet
660Kb / 2P
High forward surge current capability
logo
Mospec Semiconductor
KBU804 MOSPEC-KBU804 Datasheet
177Kb / 2P
High forward surge current capability
logo
Micro Commercial Compon...
SMD12HE MCC-SMD12HE Datasheet
402Kb / 3P
High surge forward current capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com