Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4KB05 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # UD4KB05
Description  High surge forward current capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UD4KB05 Datasheet(HTML) 1 Page - Micro Commercial Components

  UD4KB05 Datasheet HTML 1Page - Micro Commercial Components UD4KB05 Datasheet HTML 2Page - Micro Commercial Components UD4KB05 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UD4KB05
THRU
UD4KB100
4 Amp
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
D3K
High surge forward current capability
Halogen free available upon request by adding suffix "-HF"
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UD4KB05
UD4KB05
50V
35V
50V
UD4KB10
UD4KB10
100V
70V
100V
UD4KB20
UD4KB20
200V
140V
200V
UD4KB40
UD4KB40
400V
280V
400V
UD4KB60
UD4KB60
600V
420V
600V
UD4KB80
UD4KB80
800V
560V
800V
UD4KB100 UD4KB100
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
4.0 A
Tc = 140
°C
Peak Forward Surge
Current
IFSM
135A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.00V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 µA Ta = 25°C
Thermal Resistance
RthJA
55
oC/W
RthJC
1.5
o
C/W
IFM = 7.5A
I t Rating for fusing
2
I t
2
75A S
2
(1ms< t<8.3ms)
Revision: A
2015/07/31
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.524
.563
13.30
14.30
B
.252
.291
6.40
7.40
C
.177
.217
4.50
5.50
E
.041
.057
1.05
1.45
G
.024
.033
0.60
0.85
J
.102
.142
2.60
3.60
K
.122
.134
3.10
3.40
H
.146
.154
3.70
3.90
L
.079
.087
2.00
2.20
M
.016
.024
0.40
0.60
•
Mounting Torque: 0.5 N m
Micro Commercial Components
M C C
TM
•
UL Recognized File # E165989
•
J
B
C
D
E
F
G
K
L
M
A
H
D
.406
.445
10.30
11.30
F
.516
.531
13.10
13.50


Similar Part No. - UD4KB05

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UD4KB05 ZSELEC-UD4KB05 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
UD4KB05 ZSELEC-UD4KB05 Datasheet
104Kb / 2P
4.0A BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
UD4KB05 ASEMI-UD4KB05 Datasheet
150Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Zibo Seno Electronic En...
UD4KB05 ZSELEC-UD4KB05_V01 Datasheet
104Kb / 2P
4.0A BRIDGE RECTIFIER
More results

Similar Description - UD4KB05

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBL005 PFS-KBL005_1 Datasheet
257Kb / 2P
High forward surge current capability
KBPC1505WN PFS-KBPC1505WN_1 Datasheet
212Kb / 2P
High forward surge current capability
KBPC2505NW PFS-KBPC2505NW_1 Datasheet
215Kb / 2P
High forward surge current capability
KBPC15005N PFS-KBPC15005N_1 Datasheet
220Kb / 2P
High forward surge current capability
KBPC25005W PFS-KBPC25005W_1 Datasheet
215Kb / 2P
High forward surge current capability
logo
DIOTEC Electronics Corp...
1N4001S DEC-1N4001S Datasheet
666Kb / 2P
High forward surge current capability
6A05 DEC-6A05 Datasheet
784Kb / 2P
High forward surge current capability
UF4001 DEC-UF4001 Datasheet
660Kb / 2P
High forward surge current capability
logo
Micro Commercial Compon...
SMD12HE MCC-SMD12HE Datasheet
402Kb / 3P
High surge forward current capability
UD2KB05 MCC-UD2KB05 Datasheet
488Kb / 3P
High surge forward current capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com