Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM565H Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM565H
Description  Phase Locked Loop
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM565H Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM565H Datasheet HTML 3Page - National Semiconductor (TI) LM565H Datasheet HTML 4Page - National Semiconductor (TI) LM565H Datasheet HTML 5Page - National Semiconductor (TI) LM565H Datasheet HTML 6Page - National Semiconductor (TI) LM565H Datasheet HTML 7Page - National Semiconductor (TI) LM565H Datasheet HTML 8Page - National Semiconductor (TI) LM565H Datasheet HTML 9Page - National Semiconductor (TI) LM565H Datasheet HTML 10Page - National Semiconductor (TI) LM565H Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Applications Information
In designing with phase locked loops such as the LM565, the
important parameters of interest are:
FREE RUNNING FREQUENCY
LOOP GAIN: relates the amount of phase change between
the input signal and the VCO signal for a shift in input signal
frequency (assuming the loop remains in lock). In servo
theory, this is called the “velocity error coefficient.”
The loop gain of the LM565 is dependent on supply voltage,
and may be found from:
f
o = VCO frequency in Hz
V
c = total supply voltage to circuit
Loop gain may be reduced by connecting a resistor between
pins 6 and 7; this reduces the load impedance on the output
amplifier and hence the loop gain.
HOLD IN RANGE: the range of frequencies that the loop will
remain in lock after initially being locked.
f
o= free running frequency of VCO
V
c= total supply voltage to the circuit
THE LOOP FILTER
In almost all applications, it will be desirable to filter the sig-
nal at the output of the phase detector (pin 7); this filter may
take one of two forms:
A simple lag filter may be used for wide closed loop band-
width applications such as modulation following where the
frequency deviation of the carrier is fairly high (greater than
10%), or where wideband modulating signals must be fol-
lowed.
The natural bandwidth of the closed loop response may be
found from:
Associated with this is a damping factor:
For narrow band applications where a narrow noise band-
width is desired, such as applications involving tracking a
slowly varying carrier, a lead lag filter should be used. In gen-
eral, if 1/R
1C1 < Ko KD, the damping factor for the loop be-
comes quite small resulting in large overshoot and possible
instability in the transient response of the loop. In this case,
the natural frequency of the loop may be found from
R
2 is selected to produce a desired damping factor δ, usually
between 0.5 and 1.0. The damping factor is found from the
approximation:
δ ) πτ
2fn
These two equations are plotted for convenience.
Simple Lead Filter
DS007853-11
Lag-Lead Filter
DS007853-12
Filter Time Constant vs Natural Frequency
DS007853-13
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com