Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC75-I/DP Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SX20AC75-I/DP
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75-I/DP Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SX20AC75-I/DP Datasheet HTML 10Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 11Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 12Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 13Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 14Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 15Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 16Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 17Page - List of Unclassifed Manufacturers SX20AC75-I/DP Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 14 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
5.2
FUSEX Word (Read/Program via Programming Command)
5.3
DEVICE Word (Hard-Wired Read-Only)
IRCTRIM2
PINS
IRCTRIM1
IRCTRIM0
OPTIONX/
STACKX
CF
BOR1
BOR0
BORTRIM1
BORTRIM0
BP1
BP0
Bit 11
Bit 0
IRCTRIM2:
IRCTRIM0
Internal RC oscillator trim bits. This 3-bit field adjusts the operation of the internal RC oscillator to make
it operate within the target frequency range 4 MHz plus or minus 8%. Parts are shipped from the factory
untrimmed. The device relies on the programming toll to provide the trimming function.
000b = minimum frequency
111b = maximum frequency
each step about 3%
PINS
Selects the number of pins.
0 = 18/20 pins
0 = 28 pins
OPTIONX/
STACKX
OPTION Register Extension and Stack Extension. Set to 1 to disable the programmability of bit 6 and
bit 7 in the OPTION register, the RTW and RTE_IE bits (in other words, to force these two bits to 1) and
to limit the program stack size to two locations. Clear to 0 to enable programming of the RTW and
RTE_IE bits in the OPTION register, and to extend the stack size to eight locations.
CF
active low – makes carry bit input to ADD and SUB instructions.
BOR1: BOR0 Brown-Out Reset;These bits enable or disable the brown-out reset function and set the brown-out
threshold voltage as follows:
00b = 4.2V
01b = 2.6V
10b = 2.2V
11b = Brown-Out disabled
BORTRIM1:
BORTRIM2
Brown-Out trim bits (parts are shipped out of factory untrimmed).
BP1:BP0
Configure Memory Size:
00b =
1 page,
1 bank
01b =
1 page,
2 banks
10b =
4 pages, 4 banks
11b =
4 pages, 8 banks
(default configuration)
11
11
1
1
0
0
1
1
10
Bit 11
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com