Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8741 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8741
Description  Satellite sound circuit with noise reduction
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8741 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8741 Datasheet HTML 1Page - NXP Semiconductors TDA8741 Datasheet HTML 2Page - NXP Semiconductors TDA8741 Datasheet HTML 3Page - NXP Semiconductors TDA8741 Datasheet HTML 4Page - NXP Semiconductors TDA8741 Datasheet HTML 5Page - NXP Semiconductors TDA8741 Datasheet HTML 6Page - NXP Semiconductors TDA8741 Datasheet HTML 7Page - NXP Semiconductors TDA8741 Datasheet HTML 8Page - NXP Semiconductors TDA8741 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
October 1994
2
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8741; TDA8741H
FEATURES
• Demodulation of main audio signal using wide band PLL
(lock range selectable)
• Demodulation of secondary audio signals using wide
band PLL
• Noise reduction of the secondary audio signals
• Output selection: stereo, language 1, language 2, main
audio and external
• Mute control
• Line outputs (SCART level).
APPLICATIONS
• Satellite receivers
• TV sets
• Video recorders.
GENERAL DESCRIPTION
The TDA8741; TDA8741H is a multi-function sound IC for
use in satellite receivers, television sets and video
recorders. The pin numbers given in parenthesis
throughout this document refer to the QFP44 package.
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. When using IR reflow soldering it is recommended that the Drypack instructions in the
“Quality Reference Handbook”
(order number 9398 510 63011) are followed.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
8
12
13.2
V
Main channel
VIN3(rms)
input sensitivity pin 18 (14) (RMS value)
S/N(A) = 40 dB
−
1.0
2.0
mV
∆fOM
lock range PLL demodulator
either
5.5
−
7.5
MHz
or
10.0
−
11.5
MHz
VOM
output voltage pin 23 (19)
−9
−6
−4
dBV
S/N(A)
signal-to-noise ratio
A-weighted
62
70
−
dB
Secondary channels
VIN1,IN2(rms) input sensitivity pins 8 and 16 (3 and 11) (RMS value) S/N(A) = 40 dB −
0.8
1.5
mV
∆fOS1,2
lock range PLL demodulators
10.0
−
11.5
MHz
VOR,OL
output voltage pins 24 and 25 (20 and 21)
−8
−6
−4
dBV
S/N(A)
signal-to-noise ratio
A-weighted
72
80
−
dB
Crosstalk
α
S/M
crosstalk from secondary to main channel
−
74
−
dB
αM/S
crosstalk from main to secondary channel
−
74
−
dB
αS/S
crosstalk between secondary channels
−
74
−
dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8741
SDIP42
plastic shrink dual in-line package; 42 leads (600 mil)
SOT270-1
TDA8741H
QFP44(1)
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com