Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX28AC75-I/DP Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # SX28AC75-I/DP
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX28AC75-I/DP Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button SX28AC75-I/DP Datasheet HTML 32Page - List of Unclassifed Manufacturers SX28AC75-I/DP Datasheet HTML 33Page - List of Unclassifed Manufacturers SX28AC75-I/DP Datasheet HTML 34Page - List of Unclassifed Manufacturers SX28AC75-I/DP Datasheet HTML 35Page - List of Unclassifed Manufacturers SX28AC75-I/DP Datasheet HTML 36Page - List of Unclassifed Manufacturers SX28AC75-I/DP Datasheet HTML 37Page - List of Unclassifed Manufacturers SX28AC75-I/DP Datasheet HTML 38Page - List of Unclassifed Manufacturers SX28AC75-I/DP Datasheet HTML 39Page - List of Unclassifed Manufacturers SX28AC75-I/DP Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 36 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
Bitwise Operations
CLRB fr.bit
Clear Bit in fr (fr.bit = 0)
11
0100 bbbf ffff
none
SB fr.bit
Test Bit in fr and Skip if Set (test fr.bit and skip
next instruction if bit is 1)
1 or
2 (skip)
1 or
2 (skip)
0111 bbbf ffff
none
SETB fr.bit
Set Bit in fr (fr.bit = 1)
11
0101 bbbf ffff
none
SNB fr.bit
Test Bit in fr and Skip if Clear (test fr.bit and skip
next instruction if bit is 0)
1 or
2 (skip)
1 or
2 (skip)
0110 bbbf ffff
none
Data Movement Instructions
MOV fr,W
Move W to fr (fr = W)
11
0000 001f ffff
none
MOV W,fr
Move fr to W (W = fr)
11
0010 000f ffff
Z
MOV W,fr-W
Move (fr-W) to W (W = fr - W); complement of
carry bit is subtracted if CF bit in FUSEX register
is cleared to 0
11
0000 100f ffff
C, DC, Z
MOV W,#lit
Move Literal to W (W = lit)
11
1100 kkkk kkkk
none
MOV W,/fr
Move Complement of fr to W (W = fr ^ FFh)
11
0010 010f ffff
Z
MOV W,--fr
Move (fr-1) to W (W = fr - 1)
11
0000 110f ffff
Z
MOV W,++fr
Move (fr+1) to W (W = fr + 1)
11
0010 100f ffff
Z
MOV W,<<fr
Rotate fr Left through Carry and Move to W
(W = << fr)
11
0011 010f ffff
C
MOV W,>>fr
Rotate fr Right through Carry and Move to W
(W = >> fr)
11
0011 000f ffff
C
MOV W,<>fr
Swap High/Low Nibbles of fr and move to W
(W = <> fr)
11
0011 100f ffff
none
MOV W,M
Move MODE Register to W (W = MODE), high
nibble is cleared
11
0000 0100 0010
none
MOVSZ W,--fr
Move (fr-1) to W and Skip if Zero (W = fr -1 and
skip next instruction if result is zero)
1 or
2 (skip)
1
2 (skip)
0010 110f ffff
none
MOVSZ W,++fr
Move (fr+1) to W and Skip if Zero (W = fr + 1 and
skip next instruction if result is zero)
1 or
2 (skip)
1
2 (skip)
0011 110f ffff
none
MOV M,W
Move W to MODE Register (MODE = W)
11
0000 0100 0011
none
MOV M,#lit
Move Literal to MODE Register (MODE = lit)
11
0000 0101 kkkk
none
MOV !rx,W
Move W to Port Rx Control Register:rx <=> W
(exchange W and WKPND_B or CMP_B)
or rx
= W (move W to rx for all other port control reg-
isters)
11
0000 0000 0fff
none
MOV !OPTION, W Move W to OPTION Register (OPTION = W)
11
0000 0000 0010
none
TEST fr
Test fr for Zero (fr = fr to set or clear Z bit)
11
0010 001f ffff
Z
Table 16-1. The SX Instruction Set (Continued)
Mnemonic,
Operands
Description
Cycles
(Compatible)
Cycles
(Turbo)
Opcode
Bits
Affected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com