Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD47T4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD47T4G
Description  High Voltage Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD47T4G Datasheet(HTML) 3 Page - ON Semiconductor

  MJD47T4G Datasheet HTML 1Page - ON Semiconductor MJD47T4G Datasheet HTML 2Page - ON Semiconductor MJD47T4G Datasheet HTML 3Page - ON Semiconductor MJD47T4G Datasheet HTML 4Page - ON Semiconductor MJD47T4G Datasheet HTML 5Page - ON Semiconductor MJD47T4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJD47, NJVMJD47T4G, MJD50, NJVMJD50T4G
http://onsemi.com
3
25
25
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
50
75
100
125
150
20
15
10
5
Figure 2. Switching Time Equivalent Circuit
APPROX
+11 V
RB
-4 V
t1
SCOPE
VCC
RC
51
RB and RC VARIED TO OBTAIN
DESIRED CURRENT LEVELS.
2.5
0
2
1.5
1
0.5
TA TC
TC
DUTY CYCLE
≈ 2%
APPROX -9 V
t1 ≤ 7 ns
10 < t2 < 500 ms
t3 < 15 ns
Vin 0
Cjd << Ceb
Vin
t2
t3
APPROX
+11 V
Vin
TURN-ON PULSE
TA (SURFACE MOUNT)
VEB(off)
TURN-OFF PULSE
TYPICAL CHARACTERISTICS
0.02
IC, COLLECTOR CURRENT (AMPS)
1
0.8
1.4
1.2
0.4
0
0.6
0.2
VBE(sat) @ IC/IB = 5
VBE(on) @ VCE = 4 V
VCE(sat) @ IC/IB = 5
0.02
IC, COLLECTOR CURRENT (AMPS)
2
0.06
0.2
2
40
10
100
VCE = 10 V
TJ = 150°C
60
0.1
0.6
25
°C
-55
°C
20
0.04
0.4
1
200
4
6
Figure 3. DC Current Gain
t, TIME (ms)
1
0.01
1 k
0.3
0.2
0.07
RqJC(t) = r(t) RqJC
RqJC = 8.33°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.01
Figure 4. “On” Voltages
0.7
Figure 5. Thermal Response
0.5
0.1
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1
2
3
5
10
20
30
50
100
200 300
500
0.06
0.2
2
0.1
0.6
0.04
0.4
1
0.2
SINGLE PULSE
D = 0.5
0.05
TJ = 25°C
0.1
0.02
0.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com