Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP47G Datasheet(PDF) 3 Page - ON Semiconductor

Part # TIP47G
Description  High Voltage NPN Silicon Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP47G Datasheet(HTML) 3 Page - ON Semiconductor

  TIP47G Datasheet HTML 1Page - ON Semiconductor TIP47G Datasheet HTML 2Page - ON Semiconductor TIP47G Datasheet HTML 3Page - ON Semiconductor TIP47G Datasheet HTML 4Page - ON Semiconductor TIP47G Datasheet HTML 5Page - ON Semiconductor TIP47G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIP47G, TIP48G, TIP50G
www.onsemi.com
3
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
0
100
0
10
160
20
30
60
80
40
140
40
20
120
TC
TC
0
1
2
3
4
TA
TA
TURN-ON PULSE
APPROX
+11 V
Vin 0
VEB(off)
t1
APPROX
+11 V
Vin
t2
TURN-OFF PULSE
t3
t1 ≤ 7.0 ns
100 < t2 < 500 ms
t3 < 15 ns
DUTY CYCLE
≈ 2.0%
APPROX -9.0 V
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS.
SCOPE
RC
RB
VCC
Vin
Cjd << Ceb
-4.0 V
Figure 2. Switching Time Equivalent Circuit
0.02
Figure 3. Turn−On Time
IC, COLLECTOR CURRENT (AMPS)
0.01
0.1
2.0
1.0
TJ = 25°C
VCC = 200 V
IC/IB = 5.0
0.5
0.2
0.1
0.05
0.05
0.5
0.02
1.0
tr
0.2
td
t, TIME (ms)
1.0
0.01
0.01
0.1
1.0
1.0
100
ZqJC(t) = r(t) RqJC
RqJC = 3.125°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZqJC(t)
P(pk)
t1
t2
SINGLE PULSE
1.0 k
D = 0.5
0.2
0.05
DUTY CYCLE, D = t1/t2
Figure 4. Thermal Response
0.1
0.05
0.02
0.01
0.03
0.02
0.07
0.5
0.3
0.2
0.7
0.02
0.05
0.2
0.5
2.0
5.0
200
500
10
20
50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com