Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32CG Datasheet(PDF) 1 Page - ON Semiconductor

Part # TIP32CG
Description  Complementary Silicon Plastic Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP32CG Datasheet(HTML) 1 Page - ON Semiconductor

  TIP32CG Datasheet HTML 1Page - ON Semiconductor TIP32CG Datasheet HTML 2Page - ON Semiconductor TIP32CG Datasheet HTML 3Page - ON Semiconductor TIP32CG Datasheet HTML 4Page - ON Semiconductor TIP32CG Datasheet HTML 5Page - ON Semiconductor TIP32CG Datasheet HTML 6Page - ON Semiconductor TIP32CG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
September, 2015 − Rev. 16
1
Publication Order Number:
TIP31A/D
TIP31G, TIP31AG, TIP31BG,
TIP31CG (NPN),
TIP32G,TIP32AG, TIP32BG,
TIP32CG(PNP)
Complementary Silicon
Plastic Power Transistors
Designed for use in general purpose amplifier and switching
applications.
Features
• High Current Gain − Bandwidth Product
• Compact TO−220 Package
• These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
TIP31G, TIP32G
TIP31AG, TIP32AG
TIP31BG, TIP32BG
TIP31CG, TIP32CG
VCEO
40
60
80
100
Vdc
Collector−Base Voltage
TIP31G, TIP32G
TIP31AG, TIP32AG
TIP31BG, TIP32BG
TIP31CG, TIP32CG
VCB
40
60
80
100
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
IC
3.0
Adc
Collector Current − Peak
ICM
5.0
Adc
Base Current
IB
1.0
Adc
Total Power Dissipation
@ TC = 25°C
Derate above 25
°C
PD
40
0.32
W
W/
°C
Total Power Dissipation
@ TA = 25°C
Derate above 25
°C
PD
2.0
0.016
W
W/
°C
Unclamped Inductive Load Energy
(Note 1)
E
32
mJ
Operating and Storage Junction Tem-
perature Range
TJ, Tstg
– 65 to + 150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. IC = 1.8 A, L = 20 mH, P.R.F. = 10 Hz, VCC = 10 V, RBE = 100 W
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
°C/W
Thermal Resistance, Junction−to−Case
RqJC
3.125
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220
CASE 221A
STYLE 1
MARKING DIAGRAM
3 AMPERE
POWER TRANSISTORS
COMPLEMENTARY SILICON
40−60−80−100 VOLTS,
40 WATTS
www.onsemi.com
1
2
3
4
TIP3xx
= Device Code
xx
= 1, 1A, 1B, 1C,
2, 2A, 2B, 2C,
A
= Assembly Location
Y
= Year
WW
= Work Week
G
Pb−Free Package
TIP3xxG
AYWW
See detailed ordering and shipping information on page 6 of
this data sheet.
ORDERING INFORMATION
1
BASE
3
EMITTER
COLLECTOR
2,4
1
BASE
3
EMITTER
COLLECTOR
2,4
NPN
PNP


Similar Part No. - TIP32CG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIP32CG ONSEMI-TIP32CG Datasheet
123Kb / 6P
Complementary Silicon Plastic Power Transistors
September, 2005 ??Rev. 10
logo
Unisonic Technologies
TIP32CG-T60-K UTC-TIP32CG-T60-K Datasheet
144Kb / 3P
PNP EXPITAXIAL PLANAR TRANSISTOR
TIP32CG-T6S-K UTC-TIP32CG-T6S-K Datasheet
144Kb / 3P
PNP EXPITAXIAL PLANAR TRANSISTOR
TIP32CG-TA3-T UTC-TIP32CG-TA3-T Datasheet
136Kb / 3P
PNP EXPITAXIAL PLANAR TRANSISTOR
TIP32CG-TA3-T UTC-TIP32CG-TA3-T Datasheet
144Kb / 3P
PNP EXPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - TIP32CG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com