Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8140MSD Datasheet(PDF) 3 Page - Mallory performance club

Part # 8140MSD
Description  MSD 44 Amp Pro Mag Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8140MSD Datasheet(HTML) 3 Page - Mallory performance club

  8140MSD Datasheet HTML 1Page - Mallory performance club 8140MSD Datasheet HTML 2Page - Mallory performance club 8140MSD Datasheet HTML 3Page - Mallory performance club 8140MSD Datasheet HTML 4Page - Mallory performance club 8140MSD Datasheet HTML 5Page - Mallory performance club 8140MSD Datasheet HTML 6Page - Mallory performance club 8140MSD Datasheet HTML 7Page - Mallory performance club 8140MSD Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
USER INFORMATION
3
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
Figure 4 Typical Wiring on a Tractor Puller.
WARNING: Extremely high current and voltage is present on the Pro Mag Coil terminals and on
the Kill Switch Relay. Use extreme caution when working around the Coil and Relay.
BLACK
SLED
BREAK AWAY
SWITCH
TO
12 VOLTS
12V SOLENOID
NORMALLY CLOSED
IGNITION KILL
SWITCH ON DASH
GROUND
(CHASSIS)
BOTH SWITCHES HAVE TO BE
CLOSED TO START MOTOR.
IF EITHER SWITCH OPENS
THE MOTOR WILL STOP.
RED
*NOTE: THE SPACERS MUST BE INSTALLED
BETWEEN THE WIRE TERMINALS AND
RELAY HOUSING.
SPACERS*
TO COIL
TO COIL
TO PRO MAG
IGNITION
GROUND
JUMPER
WIRE
LOCK
WASHER
NUT
TRACTOR PULL
APPLICATIONS
NOTE: ONE KILL SWITCH
PER COIL.
KILL SWITCHES
12 and 20 Amp Pro Mags
Kill switches are supplied with the Electronic Points boxes for the 12 and 20 Amp Pro
MSD 44 Amp Pro Mags
MSD 44 Amp Pro Mags cannot be
used with a common mechanical On/
Off switch. A Kill Switch is available
through MSD, PN 8134. Jumper wires
across the coil terminals are required
when starting the engine (Figure 3).
Figure 3 44 Amp Kill Switch, PN 8134
Mags. Each Point Box requires a Kill
Switch. Never use one kill switch for
two Points boxes. This MSD Switch,
PN 8111, is the only Kill Switch rec-
ommended for use with the Pro Mag.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com