Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV27L1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV27L1
Description  FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV27L1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV27L1 Datasheet HTML 1Page - Texas Instruments TLV27L1 Datasheet HTML 2Page - Texas Instruments TLV27L1 Datasheet HTML 3Page - Texas Instruments TLV27L1 Datasheet HTML 4Page - Texas Instruments TLV27L1 Datasheet HTML 5Page - Texas Instruments TLV27L1 Datasheet HTML 6Page - Texas Instruments TLV27L1 Datasheet HTML 7Page - Texas Instruments TLV27L1 Datasheet HTML 8Page - Texas Instruments TLV27L1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLV27L1
TLV27L2
SLOS378A – SEPTEMBER 2001 – REVISED JULY 2003
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS
1
www.ti.com
FEATURES
D BiMOS Rail-to-Rail Output
D Input Bias Current ... 1 pA
D High Wide Bandwidth ... 160 kHz
D High Slew Rate ... 0.1 V/µs
D Supply Current ... 7 µA (per channel)
D Input Noise Voltage ... 89 nV/√Hz
D Supply Voltage Range ... 2.7 V to 16 V
D Specified Temperature Range
– –40
°C to 125°C ... Industrial Grade
– 0
°C to 70°C ... Commercial Grade
D Ultra-Small Packaging
– 5 Pin SOT-23 (TLV27L1)
APPLICATIONS
D Portable Medical
D Power Monitoring
D Low Power Security Detection Systems
D Smoke Detectors
DESCRIPTION
The TLV27Lx single supply operational amplifiers
provide rail-to-rail output capability. The TLV27Lx takes
the minimum operating supply voltage down to 2.7 V
over the extended industrial temperature range, while
adding the rail-to-rail output swing feature. The
TLV27Lx also provides 160-kHz bandwidth from only
7
µA. The maximum recommended supply voltage is
16 V, which allows the devices to be operated from
(
±8-V supplies down to ±1.35 V) two rechargeable cells.
The rail-to-rail outputs make the TLV27Lx good
upgrades for the TLC27Lx family—offering more
bandwidth at a lower quiescent current. The TLV27Lx
offset voltage is equal to that of the TLC27LxA variant.
Their cost effectiveness makes them a good alternative
to the TLC/V225x, where offset and noise are not of
premium importance.
The TLV27L1/2 are available in the commercial
temperature range to enable easy migration from the
equivalent TLC27Lx. The TLV27L1 is not available with
the power saving/performance boosting programmable
pin 8.
The TLV27L1 is available in the small SOT-23 package
—something
the
TLC27(L)1
was
not—enabling
performance boosting in a smaller package. The
TLV27L2 is available in the 3mm x 5mm MSOP,
providing PCB area savings over the 8-pin SOIC and
8-pin TSSOP.
SELECTION GUIDE
DEVICE
VS
[V]
IQ/ch
[
µA]
VICR
[V]
VIO
[mV]
IIB
[pA]
GBW
[MHz]
SLEW RATE
[V/
µs]
Vn, 1 kHz
[nV/
√Hz]
TLV27Lx
2.7 to 16
11
–0.2 to VS+1.2
5
60
0.18
0.06
89
TLV238x
2.7 to 16
10
–0.2 to VS–0.2
4.5
60
0.18
0.06
90
TLC27Lx
4 to 16
17
–0.2 to VS–1.5
10/5/2
60
0.085
0.03
68
OPAx349
1.8 to 5.5
2
–0.2 to VS+0.2
10
10
0.070
0.02
300
OPAx347
2.3 to 5.5
34
–0.2 to VS+0.2
6
10
0.35
0.01
60
TLC225x
2.7 to 16
62.5
0 to VS–1.5
1.5/0.85
60
0.200
0.02
19
NOTE: All dc specs are maximums while ac specs are typicals.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001–2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV27L1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L1 TI1-TLV27L1 Datasheet
831Kb / 22P
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
TLV27L1 TI2-TLV27L1 Datasheet
905Kb / 26P
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
REVISED MARCH 2012
TLV27L1CD TI1-TLV27L1CD Datasheet
831Kb / 22P
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
TLV27L1CD TI2-TLV27L1CD Datasheet
905Kb / 26P
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
REVISED MARCH 2012
TLV27L1CDBV TI1-TLV27L1CDBV Datasheet
831Kb / 22P
FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
More results

Similar Description - TLV27L1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
Output rail-to-rail micropower operational amplifiers
09-Apr-2008
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
Output rail-to-rail micropower operational amplifiers
05-Mar-2009
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com