Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS04DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS04DR
Description  HEX INVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS04DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LS04DR Datasheet HTML 2Page - Texas Instruments SN74LS04DR Datasheet HTML 3Page - Texas Instruments SN74LS04DR Datasheet HTML 4Page - Texas Instruments SN74LS04DR Datasheet HTML 5Page - Texas Instruments SN74LS04DR Datasheet HTML 6Page - Texas Instruments SN74LS04DR Datasheet HTML 7Page - Texas Instruments SN74LS04DR Datasheet HTML 8Page - Texas Instruments SN74LS04DR Datasheet HTML 9Page - Texas Instruments SN74LS04DR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN5404, SN54LS04, SN54S04,
SN7404, SN74LS04, SN74S04
HEX INVERTERS
SDLS029B – DECEMBER 1983 – REVISED FEBRUARY 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
SN54S04
SN74S04
SN54S04
SN74S04
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–1
–1
mA
IOL
Low-level output current
20
20
mA
TA
Operating free-air temperature
– 55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54S04
SN74S04
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = – 18 mA
– 1.2
– 1.2
V
VOH
VCC = MIN,
VIL = 0.8 V,
IOH = –1 mA
2.5
3.4
2.7
3.4
V
VOL
VCC = MIN,
VIH = 2 V,
IOL = 20 mA
0.5
0.5
V
II
VCC = MAX,
VI = 5.5 V
1
1
mA
IIH
VCC = MAX,
VI = 2.7 V
50
50
µA
IIL
VCC = MAX,
VI = 0.5 V
– 2
– 2
mA
IOS§
VCC = MAX
–40
–100
–40
–100
mA
ICCH
VCC = MAX,
VI = 0 V
15
24
15
24
mA
ICCL
VCC = MAX,
VI = 4.5 V
30
54
30
54
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time and the duration of the short-circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
SN54S04
SN74S04
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
A
Y
RL = 280 Ω
CL =15 pF
3
4.5
ns
tPHL
A
Y
RL = 280 Ω,
CL = 15 F
3
5
ns
tPLH
A
Y
RL = 280 Ω
CL =50 pF
4.5
ns
tPHL
A
Y
RL = 280 Ω,
CL = 50 F
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com