Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT200 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ACT200
Description  ACT200
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACT200 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ACT200 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel
(44) 0118 979 1238
Fax
(44) 0118 979 1283
email
info@actcrystals.com
Please note that not all parameters can necessarily be specified in a single device
ISO9002 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
www.advancedcrystaltechnology.com
Issue 2 M4 22/9/03
ACT200
The ACT200 is a miniature surface mount Watch Crystal whose low power consumption makes it
ideal for portable applications. It’s size makes it suitable for high density circuit boards or applica-
tions where space is limited and the tape and reel packaging means that it is ideal for
automatic placement machines.
The heart of the device is a heat resistant cylinder type crystal which gives it high
stability characteristics sufficient to allow reflow soldering
Parameter
Symbol
Specification
Condition
Nominal Frequency
fo
32.768KHz
Frequency Tolerance
∆f/fo
±5ppm, ±10ppm, ±20ppm, 30ppm
@25°C
Frequency v Temp Characteristics
∆f/fo
See drawing
-10 ~ +60°C
Turnover Temperature
Tm
25°C ± 5 °C
Freq. Temp. coefficient
β
-0.034 ±0.006ppm/ ° C2
Temp Operating Range
Topr
-40 ~ +85 °C
Temp Storage Range
Tstg
-55 ~ +125 °C
Equivalent Series Resistance
ESR
50K
Ω max
At 25 °C
Shunt Capacitance
C0
1.35pF Typical
Load Capacitance
CL
6 & 12.5pF
Others, please specify
Motional Capacitance
C1
0.003pF Typical
Capacitance Ratio
γ
450 Typical
Drive Level
DL
1
µ W max
Insulation Resistance
IR
500M
Ω Min
@ DC 100V ±15V
Aging (first year)
∆f/fo
±3ppm max
25°C ±3°C
8.0 max
3.8 max
5.5
0.5
2.5 max
0.9
1.3
4.2
1.3
1.9
1.3
1.9
Dimensions in mm
#1
#4
#3
#2
Top View
Suggested Footprint
-20 -10
0 +10 +20 +30 +40 +50 +60
0
-10
-20
-30
-40
-50
-60
∆ f/fo (ppm)
Typical Temperature Characteristics


Similar Part No. - ACT200

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT200 ACT-ACT200 Datasheet
270Kb / 2P
ultra miniature surface mount Watch Crystal with a low power consumption making it ideal for
30-06-06
ACT200A ACT-ACT200A Datasheet
211Kb / 2P
miniature SMD Watch Crystal with excellent low power consumption,
20-12-06
ACT200A ACT-ACT200A_13 Datasheet
327Kb / 3P
miniature SMD Watch Crystal with excellent low power consumption
31-05-2012
ACT200B-200C ACT-ACT200B-200C Datasheet
207Kb / 3P
miniature SMD Watch Crystals
31-5-2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com