Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5206 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS5206
Description  SWITCHING-POWER-SUPPLY CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5206 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5206 Datasheet HTML 1Page - Texas Instruments TPS5206 Datasheet HTML 2Page - Texas Instruments TPS5206 Datasheet HTML 3Page - Texas Instruments TPS5206 Datasheet HTML 4Page - Texas Instruments TPS5206 Datasheet HTML 5Page - Texas Instruments TPS5206 Datasheet HTML 6Page - Texas Instruments TPS5206 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPS5206CN
SWITCHING-POWER-SUPPLY CONTROL CIRCUIT
SLVS082A – APRIL 1994 – REVISED SEPTEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
• Single-Chip Switching-Power-Supply
Control With Limited External Components
• Built-In PWM Control Circuit
• Open-Collector Output for Direct Drive of
Transformer
• Variable Dead-Time Control
• Overvoltage and Undervoltage Detection
and Latch-Up for Each Supply Voltage:
5 V, 12 V, – 5 V, and – 12 V
• System Overcurrent Protection
• Wide Supply Range From 7 V to 40 V
• Power-Good Indicator Function
description
The TPS5206CN is a bipolar monolithic integrated circuit designed for push-pull-type switching-power-supply
(SPS) control in desktop PC applications. It offers pulse-width-modulation (PWM) control and power-supply
supervisor functions, including detection of undervoltage and overvoltage conditions on
±5 V and ±12 V system
supplies. It also detects overcurrent conditions on the SPS system output. This single chip reduces the total
component count and provides additional design flexibility, which minimizes cost and printed-circuit-board
(PCB) space requirements in present and new SPS designs.
overvoltage-protection lockout feature
The overvoltage-protection lockout feature monitors four different supply voltages. When an overvoltage (OV)
condition is detected, the power-good output (PGO) is set low and the PWM function is disabled. The OV
condition is detected on the SVP5, SVP12, SVN5, and SVN12 inputs. Threshold voltages are typically 5.9 V,
14.1 V, – 8.4 V, and – 15.3 V, respectively.
undervoltage-protection lockout feature
The undervoltage-protection lockout feature monitors four different supply voltages. When an undervoltage
(UV) condition is detected, the power-good output (PGO) is set low and the PWM function is disabled. The UV
condition is detected on the SVP5, SVP12, SVN5, and SVN12 inputs. Threshold voltages are typically 3.9 V,
9.5 V, – 3.4 V, and – 9.3 V, respectively.
overcurrent-protection lockout feature
The overcurrent (OC) protection lockout feature is designed to protect the SPS from excessive load or
short-circuit conditions. The circuit converts the output current of the SPS to a voltage, which is then monitored
at SC. It sets PG low and shuts down the PWM circuit when the sensed voltage is higher than 5 V.
reference regulator
The internal 5-V reference regulator is designed primarily to provide the internal circuitry with a stable supply
rail for varying input voltages. The regulator employs a band-gap circuit as its primary reference to maintain
thermal stability of less than 100-mV variation over the operating free-air temperature range of 0
°C to 70°C. In
addition to supplying an internal reference, the regulator provides a precision 5-V reference that can support
5 mA of load current for external bias circuits. The regulated voltage has a margin of error of 2%. Short-circuit
protection is provided to protect the internal circuit from overload or short-circuit conditions.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
REF
PGO
SVP5
SVP12
CPR
DT
CUV
SVN5
SVN12
D1
CPG
PGI
EA +
EA –
EAO
VCC
SC
CT
D2
GND
N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPS5206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210 TI1-TPS5210 Datasheet
748Kb / 31P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210DW TI-TPS5210DW Datasheet
417Kb / 29P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210PWP TI-TPS5210PWP Datasheet
417Kb / 29P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210PWP TI1-TPS5210PWP Datasheet
748Kb / 31P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
More results

Similar Description - TPS5206

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1672 NTE-NTE1672 Datasheet
29Kb / 4P
Integrated Circuit Power Supply Control Circuit
logo
STMicroelectronics
TEA2018A STMICROELECTRONICS-TEA2018A Datasheet
77Kb / 7P
CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
May-1993
TEA2019 STMICROELECTRONICS-TEA2019 Datasheet
80Kb / 7P
CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
07-Jan-591
logo
Seme LAB
IP5560C SEME-LAB-IP5560C Datasheet
46Kb / 7P
SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
IP5661C SEME-LAB-IP5661C Datasheet
34Kb / 4P
SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
logo
Fuji Electric
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
For Switching Power Supply Control
FA3635P FUJI-FA3635P Datasheet
37Kb / 5P
For Switching Power Supply Control
logo
List of Unclassifed Man...
FA3686 ETC-FA3686 Datasheet
389Kb / 18P
For Switching Power Supply Control
logo
Toshiba Semiconductor
TLP559 TOSHIBA-TLP559_07 Datasheet
190Kb / 7P
Switching Power Supply Feedback Control
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com