Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM611 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM611
Description  Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM611 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM611 Datasheet HTML 9Page - National Semiconductor (TI) LM611 Datasheet HTML 10Page - National Semiconductor (TI) LM611 Datasheet HTML 11Page - National Semiconductor (TI) LM611 Datasheet HTML 12Page - National Semiconductor (TI) LM611 Datasheet HTML 13Page - National Semiconductor (TI) LM611 Datasheet HTML 14Page - National Semiconductor (TI) LM611 Datasheet HTML 15Page - National Semiconductor (TI) LM611 Datasheet HTML 16Page - National Semiconductor (TI) LM611 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Typical Applications
DS009221-28
*10k must be low
t.c. trim pot.
FIGURE 12. Ultra Low Noise 10.00V Reference.
Total Output Noise is Typically 14 µV
RMS.
Adjust the 10k pot for 10.000V.
DS009221-30
FIGURE 13. Simple Low Quiescent Drain Voltage
Regulator. Total Supply Current is approximately
320 µA when V
IN = 5V, and output has no load.
DS009221-29
VOUT = (R1/R2 + 1) VREF.
R1, R2 should be 1% metal film.
R3 should be low t.c. trim pot.
FIGURE 14. Slow Rise-Time Upon Power-Up,
Adjustable Transducer Bridge Driver.
Rise-time is approximately 0.5 ms.
DS009221-31
FIGURE 15. Low Drop-Out Voltage Regulator Circuit. Drop out voltage is typically 0.2V.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com