Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D103 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # D103
Description  Optical Liquid Level Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

D103 Datasheet(HTML) 1 Page - American Electronic Components, inc

  D103 Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order Codes:
D103000
Standard Temperature Range (1)
D103101
Extended Temperature Range (2)
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Optical Liquid Level Sensors
D103 Series
Features:
* M12 Screw-in Body
* Low cost
* Compact size
* Wide range of commercial and
industrial applications.
Specifications are subject to change without notice. E&OE.
D103 290808
Drawing dimensions in millimetres
Standard Temperature
High Temperature
Housing
D103 M12 Threaded Probe
Output Function
Digital - High in Air
Repeatability
± 1 mm
Hysteresis
2mm (depending on liquid)
Response Time: Rising Liquid
50 µS
Response Time: Falling Liquid (Ethanol)
< 1 second
Supply Voltage
+5V to 12VDC
Supply Current
15 mA
Temperature Range: Operating / (Storage)
-25°C to +80°C (-30°C to +85°)
-40°C to +125°C (-40°C to +125°C)
Housing Material
Polysulphone
Output Current (@25°C & 5VDC)
Sinks 10 mA
Sinks 40 mA
Lead wire Length
250mm PTFE
(1)
Supplied with Nitrile washer and nut, unassembled.
(2)
(2) Supplied with VAMAC washer and nut, unassembled.
Contact factory for custom terminations and other lead lengths available to special order.


Similar Part No. - D103

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D103 MPD-D103 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
C&K Components
D103 CK-COMPONENTS-D103 Datasheet
482Kb / 5P
Miniature Snap-in Power Rocker Switches
15 May 20
logo
G.M. International
D1030 GMI-D1030 Datasheet
297Kb / 2P
SIL 2 Switch/Proximity Detector Repeater Relay Output DIN-Rail Models D1030S, D1030D
logo
Infineon Technologies A...
D1030N INFINEON-D1030N Datasheet
235Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2008-09-15 revision:3.0
logo
Seme LAB
D1030UK SEME-LAB-D1030UK Datasheet
18Kb / 2P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 400W - 28V - 175MHz PUSH-PULL
More results

Similar Description - D103

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D101 AEC-D101 Datasheet
190Kb / 1P
Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
Optical Liquid Level Sensors
D200HP AEC-D200HP Datasheet
215Kb / 1P
Optical Liquid Level Sensors
D205 AEC-D205 Datasheet
200Kb / 1P
Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
Optical Liquid Level Sensors
D600D AEC-D600D Datasheet
196Kb / 1P
Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
Optical Liquid Level Sensors
DLN AEC-DLN Datasheet
206Kb / 1P
Optical Liquid Level Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com