Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPOS Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DPOS
Description  Optical Liquid Level Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DPOS Datasheet(HTML) 1 Page - American Electronic Components, inc

  DPOS Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Optical Liquid Level Sensors
DPOS Series
Features:
* 1/2” BSP Body
* High Output Current
* Eliminates need for intermediate
control systems
* Stainless Steel construction.
Specifications are subject to change without notice. E&OE.
DPOS 010908
Standard Temperature
High Temperature
Housing (Thread, Length, Hex)
G1/2” (1/2” BSP), 78mm, 24mm
G1/2” (1/2” BSP), 138mm, 24mm
Output Function
NPN - High in Air / NPN - Low in Air / PNP - High in Air / PNP - Low in Air
Max. Output Current
200mA
Repeatability
± 1 mm
Hysteresis
1mm (depending on liquid)
Response Time: Rising Liquid
50 µS
Response Time: Falling Liquid (Ethanol)
< 1 second
Supply Voltage
+12V to 28VDC
Supply Current
25 mA
Temperature Range: Operating (sensing end only)
-25°C to +100°C
-25°C to +140°C
Housing Material
Stainless Steel, Crystal Glass dome
LED Output Indicator
Mechanical Shock
As per BS EN60068-2-27 Part 2 Ea: 1987
Yes
Environmental
IP67 (connector version), IP68 (cable version)
Pressure Range
20 bar
Vibration
As per BS EN60068-6 Part S3:1996
Humidity
As per BS EN60068-2-30
Thermal Testing
As per BS EN60068-2-33
Order Codes:
DPOS * 87 * 1 *
Temperature
1: Standard Temperature Range
2: High Temperature Range
Connection Type
3: 2m (PUR3 x0.25mm) Cable
4: M12 Connector
Output Type
1: NPN (NO) High in Air (open collector)
2: NPN (NC) Low in Air (open collector)
3: PNP (NO) High in Air (open collector)
4: PNP (NC) Low in Air (open collector)
Dimensions in millimetres
G1/2” Nut available separately - order code DPOS12BSP


Similar Part No. - DPOS

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
DPO-0.5-100 TALEMA-DPO-0.5-100 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPO-0.5-1000 TALEMA-DPO-0.5-1000 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPO-0.5-150 TALEMA-DPO-0.5-150 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPO-0.5-1500 TALEMA-DPO-0.5-1500 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPO-0.5-220 TALEMA-DPO-0.5-220 Datasheet
105Kb / 4P
Low Cost Power Inductors
More results

Similar Description - DPOS

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D101 AEC-D101 Datasheet
190Kb / 1P
Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
Optical Liquid Level Sensors
D200HP AEC-D200HP Datasheet
215Kb / 1P
Optical Liquid Level Sensors
D205 AEC-D205 Datasheet
200Kb / 1P
Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
Optical Liquid Level Sensors
DLN AEC-DLN Datasheet
206Kb / 1P
Optical Liquid Level Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com