Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C186EB Datasheet(PDF) 34 Page - Intel Corporation

Part # 80C186EB
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB Datasheet(HTML) 34 Page - Intel Corporation

Back Button 80C186EB Datasheet HTML 30Page - Intel Corporation 80C186EB Datasheet HTML 31Page - Intel Corporation 80C186EB Datasheet HTML 32Page - Intel Corporation 80C186EB Datasheet HTML 33Page - Intel Corporation 80C186EB Datasheet HTML 34Page - Intel Corporation 80C186EB Datasheet HTML 35Page - Intel Corporation 80C186EB Datasheet HTML 36Page - Intel Corporation 80C186EB Datasheet HTML 37Page - Intel Corporation 80C186EB Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
AC SPECIFICATIONS
AC Characteristics80L186EB13
Symbol
Parameter
13 MHz
8 MHz
Units
Notes
Min
Max
No Longer Available
INPUT CLOCK
Tr
CLKIN Frequency
0
26
MHz
1
TC
CLKIN Period
38.5
%
ns
1
TCH
CLKIN High Time
15
%
ns
1, 2
TCL
CLKIN Low Time
15
%
ns
1, 2
TCR
CLKIN Rise Time
1
8
ns
1, 3
TCF
CLKIN Fall Time
1
8
ns
1, 3
OUTPUT CLOCK
TCD
CLKIN to CLKOUT Delay
0
10
ns
1, 4
T
CLKOUT Period
2 TC
ns
1
TPH
CLKOUT High Time
(T/2) b 5
(T/2) a5
ns
1
TPL
CLKOUT Low Time
(T/2) b 5
(T/2) a 5
ns
1
TPR
CLKOUT Rise Time
1
10
ns
1, 5
TPF
CLKOUT Fall Time
1
10
ns
1, 5
OUTPUT DELAYS
TCHOV1
ALE S2-0 DEN DTR,
3
25
ns
1, 4, 6,7
BHE (RFSH) LOCK
A1916
TCHOV2
GCS07 LCS UCS,
3
30
ns
1, 4,6, 8
NCS RD WR
TCLOV1
BHE (RFSH) DEN,
3
25
ns
1, 4,6
LOCK RESOUT HLDA
T0OUT T1OUT A1916
TCLOV2
S20 RD WR GCS70,
3
30
ns
1, 4,6
LCS UCS NCS
INTA10 AD150 (AD70
A158)
TCHOF
RD WR BHE (RFSH),
0
30
ns
1
DTR LOCK S20
A1916
TCLOF
DEN AD15 0
0
30
ns
1
(AD70 A158)
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com