Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80C188EB Datasheet(PDF) 59 Page - Intel Corporation

Part # 80C188EB
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EB Datasheet(HTML) 59 Page - Intel Corporation

Back Button 80C188EB Datasheet HTML 51Page - Intel Corporation 80C188EB Datasheet HTML 52Page - Intel Corporation 80C188EB Datasheet HTML 53Page - Intel Corporation 80C188EB Datasheet HTML 54Page - Intel Corporation 80C188EB Datasheet HTML 55Page - Intel Corporation 80C188EB Datasheet HTML 56Page - Intel Corporation 80C188EB Datasheet HTML 57Page - Intel Corporation 80C188EB Datasheet HTML 58Page - Intel Corporation 80C188EB Datasheet HTML 59Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 59 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
ERRATA
An 80C186EB80L186EB with a STEPID value of
0001H has the following known errata A device with
a STEPID of 0001H can be visually identified by the
presence
of an ‘‘A’’ alpha character next to the
FPO number The FPO number location is shown in
Figures 4 5 and 6
1 A19ONCE is not latched by the rising edge of
RESIN A19ONCE must remain active (LOW) at
all times to remain in the ONCE Mode Removing
A19ONCE after RESIN is high will return all out-
put pins to a driving state
however
the
80C186EB will remain in a reset state
2 During interrupt acknowledge (INTA) bus cycles
the bus controller will ignore the state of the
READY pin if the previous bus cycle ignored the
state of the READY pin This errata can only oc-
cur if the Chip-Select Unit is being used All active
chip-selects must be programmed to use READY
(RDY bit must be programmed to a 1) if wait-
states are required for INTA bus cycles
3 CLKOUT will transition off the rising edge of
CLKIN rather than the falling edge of CLKIN This
does not affect any bus timings other than TCD
4 RESIN has a hysterisis of only 130 mV It is rec-
ommended that RESIN be driven by a Schmitt
triggered device to avoid processor lockup during
reset using an RC circuit
5 SINT1 will only go active for one clock period
when a receive or transmit interrupt is pending
(ie
it does not remain active until the S1STS
register is read) If SINT1 is to be connected to
any of the processor interrupt lines (INT0 – INT4)
then it must be latched by user logic
An 80C186EB80L186EB with a STEPID value of
0001H or 0002H has the following known errata A
device with a STEPID of 0002H can be visually iden-
tified by noting the presence of a ‘‘B’’ ‘‘C’’ ‘‘D’’ or
‘‘E’’ alpha character next to the FPO number The
FPO number location is shown in Figures 4 5 and 6
1 An internal condition with the interrupt controller
can cause no acknowledge cycle on the INTA1
line in response to INT1 This errata only occurs
when Interrupt 1 is configured in cascade mode
and a higher priority interrupt exists This errata
will not occur consistantly it is dependent on in-
terrupt timing
REVISION HISTORY
This data sheet replaces the following data sheets
270803-004 80C186EB
270885-003 80C188EB
270921-003 80L186EB
270920-003 80L188EB
272311-001 SB80C188EBSB80L188EB
272312-001 SB80C186EBSB80L186EB
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com