Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM19-LSI Datasheet(PDF) 15 Page - Pixart Imaging Inc.

Part # LM19-LSI
Description  Optical Gaming Navigation Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

LM19-LSI Datasheet(HTML) 15 Page - Pixart Imaging Inc.

Back Button LM19-LSI Datasheet HTML 10Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 11Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 12Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 13Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 14Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 15Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 16Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 17Page - Pixart Imaging Inc. LM19-LSI Datasheet HTML 18Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
PixArt Imaging Inc.
PMW3360 Product Datasheet
Optical Gaming Navigation Sensor
Version 1.30 | 6 April 2016
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
2.3
AC Electrical Specifications
Table 4. AC Electrical Specifications
Electrical characteristics over recommended operating conditions. Typical values at 25 °C, VDD = 1.9 V, VDDIO = 1.9V.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Motion Delay After Reset
tMOT-RST
50
ms
From reset to valid motion, assuming motion
is present
Shutdown
tSTDWN
500
s
From Shutdown mode active to low current
Wake From Shutdown
tWAKEUP
50
ms
From Shutdown mode inactive to valid
motion. Notes: A RESET must be asserted
after a shutdown. Refer to section “Notes on
Shutdown”, also note tMOT-RST
MISO Rise Time
tr-MISO
50
ns
CL = 100pF
MISO Fall Time
tf-MISO
50
ns
CL = 100pF
MISO Delay After SCLK
tDLY-MISO
90
ns
From SCLK falling edge to MISO data valid, no
load conditions
MISO Hold Time
thold-MISO
200
ns
Data held until next falling SCLK edge
MOSI Hold Time
thold-MOSI
200
ns
Amount of time data is valid after SCLK rising
edge
MOSI Setup Time
tsetup-MOSI
120
ns
From data valid to SCLK rising edge
SPI Time Between Write
Commands
tSWW
180
s
From rising SCLK for last bit of the first data
byte, to rising SCLK for last bit of the second
data byte.
SPI Time Between Write
And Read Commands
tSWR
180
s
From rising SCLK for last bit of the first data
byte, to rising SCLK for last bit of the second
address byte.
SPI Time Between Read
And Subsequent
Commands
tSRW
tSRR
20
s
From rising SCLK for last bit of the first data
byte, to falling SCLK for the first bit of the
address byte of the next command.
SPI Read Address-Data
Delay
tSRAD
160
s
From rising SCLK for last bit of the address
byte, to falling SCLK for first bit of data being
read.
SPI Read Address-Data
Delay for Burst Mode
Motion Read
tSRAD_MOTBR
35
s
From rising SCLK for last bit of the address
byte, to falling SCLK for first bit of data being
read. Applicable for Burst Mode Motion Read
only.
NCS Inactive After
Motion Burst
tBEXIT
500
ns
Minimum NCS inactive time after motion
burst before next SPI usage
NCS To SCLK Active
tNCS-SCLK
120
ns
From last NCS falling edge to first SCLK rising
edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com