Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5220LT Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PS5220LT
Description  PS5150 HD-1080p CMOS IMAGE SENSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PS5220LT Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PS5220LT Datasheet HTML 1Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PS5220
DATA SHEET FLYER
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PrimeSensor Technology Inc.
E-mail: fae_service@primesensor.com.tw
PS5220 Full-HD 1080p CMOS IMAGE SENSOR
General Description
The PS5220 is a highly integrated CMOS image sensor that output of 1920x1080 (Full HD-1080p) pixels with
rolling shutter readout. It embedded the new FinePixel™ sensor technology to perform the excellent image
quality. PS5220 outputs 10-bit RGB raw data through a parallel data bus. It is available in CLCC and CSP
package.
The PS5220 can be programmed to set the exposure time for different luminance condition via I2CTM serial
control bus. By programming the internal register set, it performs on-chip frame rate adjustment, offset correction
DAC and programmable gain control.
Features
 1936 x 1096 pixels with Bayer-RGB color
filter array and micro-lens
 Output format:
- 10-bit RAW RGB
 Output interface
- 10bit parallel DVP output
 On-chip column A/D converter
 On-chip manual analog gain control
 Continuous variable frame time & exposure
time
 I2CTM Interface
 Automatic black-level calibration
 Black sun cancellation
 Programmable fast-switch configuration
 Support WOI and subsampling
 Support dummy line & pixel timing
 Support output Hsync at Vsync
 Support 1.7V~3.3V I/O
 On-chip PLL
(input_clock / PLL_m >= 1MHz)
Specifications
Parameter
Typical Value
Active array size
1936(H) x 1096(V)
Pixel size
3.0um (H) x 3.0um (V)
Shutter type
Electronic rolling shutter (ERS)
Optical format
1/2.7-inch
Lens chief ray angle
17 degree
ADC
10-bit
Sensitivity
3300 mV/Lux-sec
SNRmax
39 dB
Dynamic range
70 dB
Scan mode
Progressive scan
Input clock
Max 64Hz
Pixel clock
Max 81MHz
Max. frame rate
1080p: 1920x1080 @30fps
720p: 1280x720 @60fps
VGA: 640x480 @120fps
Supply voltage
Analog: 3.3 V
Digital: 1.2 V
I/O: 1.7V~3.3V
Power consumption
85mW
Operating temperature
-30oC ~ 70oC
Applications
Surveillance HD-CCTV Camera
Surveillance IP Camera
Car Video Recorder
Sports Camera
Automotive Camera
Video Door Phone
PC/Notebook Camera
Ordering Information
Part Number
Description
PS5220CA
48-Pin CLCC
PS5220LT
60-Ball CSP


Similar Part No. - PS5220LT

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PS5226 PIXART-PS5226 Datasheet
147Kb / 1P
PS5150 HD-1080p CMOS IMAGE SENSOR
PS5226LT PIXART-PS5226LT Datasheet
147Kb / 1P
PS5150 HD-1080p CMOS IMAGE SENSOR
More results

Similar Description - PS5220LT

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9810 OMNIVISION-OV9810 Datasheet
171Kb / 2P
OV9810 9 Megapixel 1080p HD Video Image Sensor
logo
ON Semiconductor
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
AR0331 ONSEMI-AR0331 Datasheet
2Mb / 72P
Full HD Digital Image Sensor
Rev. L Pub. 5/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
Full HD Digital Image Sensor
April, 2015 ??Rev. 2
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
CMOS Image Sensor
March, 2016 ??Rev. 5
logo
Pixart Imaging Inc.
PAS5120 PIXART-PAS5120 Datasheet
148Kb / 1P
PAS5120 HD-720p CMOS IMAGE SENSOR
PAS5130 PIXART-PAS5130 Datasheet
145Kb / 1P
PAS5130 HD-960p CMOS IMAGE SENSOR
PS5150 PIXART-PS5150 Datasheet
142Kb / 1P
PS5150 HD-720p CMOS IMAGE SENSOR
PS5226 PIXART-PS5226 Datasheet
147Kb / 1P
PS5150 HD-1080p CMOS IMAGE SENSOR
logo
Leopard Imaging Inc.
LI-CAM-OV10640-MIPI LEOPARD-LI-CAM-OV10640-MIPI Datasheet
280Kb / 1P
CMOS HD image sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com