Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDNS-3988 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # SDNS-3988
Description  High Performance Gaming Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

SDNS-3988 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  SDNS-3988 Datasheet HTML 1Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 2Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 3Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 4Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 5Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 6Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 7Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 8Page - Pixart Imaging Inc. SDNS-3988 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
__________________________________________________________________________________________________________________________
All rights rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc. Confidential
2
Device Pinout
Pin No
Pin Name
Input /
Output/
Power
Description
1 – 3
NC
-
4
PWR_OPT2
IN
Refer Table 1
5
PWR_OPT1
IN
Refer Table 1
6
XYLED
IN
LED Illumination Control
Input
7
VDDIO
PWR
IO Voltage
8
MOTION
OUT
Motion Detect (Active Low
Output)
9
MOSI
IN
Serial Data Input (Master
Out/Slave In)
10
SCLK
IN
Serial Clock Input
11
MISO
OUT
Serial Data Output
(Master In/Slave Out)
12
GND
PWR
Ground
13
NCS
IN
Chip Select (Active Low
Input)
14 – 33
NC
-
-
34, 45
VDD3/REFB
PWR
Refer Table 1
35 – 38
NC
-
-
39
GND
PWR
Ground
40
DGND
PWR
Ground (digital)
41 – 42
REFA/VDD1_8
PWR
Refer Table 1
43 – 44
NC
-
-
46
VDD5/VDD3
PWR
Refer Table 1
47 – 52
NC
-
-
53
GND
PWR
Ground
54 – 58
NC
-
-
Figure 1. Device Pinout of SDNS-3988
Table 1: Power Option Selections
Low (connect with GND, 0V)
High (connect with VDD supply, 3V)
PWR_OPT1
Enable internal 5V-to-3V regulator
(VDD5 input pin 46 need to be connected to 5V with
REFB pin 34 and 45 connected to *bypass
capacitors)
Disable internal 5V-to-3V regulator
(VDD3 input pin 34, 45 and 46 need to be connected to
3V supply)
PWR_OPT2
Enable internal 3V-to-1.8V regulator
(REFA pin 41 and 42 need to be connected to
*bypass capacitors)
Disable internal 3V-to-1.8V regulator
(VDD1_8 input pin 41 and 42 need to be connected to
1.8V supply)
* Refer to schematic for bypass capacitors value.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com