Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC75-I/TQ Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # SX20AC75-I/TQ
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75-I/TQ Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button SX20AC75-I/TQ Datasheet HTML 34Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 35Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 36Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 37Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 38Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 39Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 40Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 41Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 38 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
16.1
Equivalent Assembler Mnemonics
Some assemblers support additional instruction mne-
monics that are special cases of existing instructions or
alternative mnemonics for standard ones. For example,
an assembler might support the mnemonic “CLC” (clear
carry), which is interpreted the same as the instruction
“clrb $03.0” (clear bit 0 in the STATUS register). Some of
the commonly supported equivalent assembler mnemon-
ics are described in Table 16-2.
Table 16-2. Equivalent Assembler Mnemonics
Syntax
Description
Equivalent
Cycles
CLC
Clear Carry bit
CLRB $03.0
1
CLZ
Clear Zero bit
CLRB $03.2
1
JMP W
Jump Indirect W
MOV $02,W
4 or 3 (note 1)
JMP PC+W
Jump Indirect W Relative
ADD $02,W
4 or 3 (note 1)
MODE imm4
Move Immediate to MODE
Register
MOV M,#lit
1
NOT W
Complement W
XOR W,#$FF
1
SC
Skip if Carry bit Set
SB $03.0
1 or 2 (note 2)
SKIP
Skip Next Instruction
SNB $02.0 or SB $02.0
4 or 2 (note 3)
Note 1: The JMP W or JMP PC+W instruction takes 4 cycles in the “compatible” clocking mode or 3 cycles in the
“turbo” clocking mode.
Note 2: The SC instruction takes 1 cycle if the tested condition is false or 2 cycles if the tested condition is true.
Note 3: The assembler converts the SKIP instruction into a SNB or SB instruction that tests the least significant bit
of the program counter, choosing SNB or SB so that the tested condition is always true. The instruction takes 4 cycles
in the “compatible” clocking mode or 2 cycles in the “turbo” clocking mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com