Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX28AC75-I/TQ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SX28AC75-I/TQ
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX28AC75-I/TQ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SX28AC75-I/TQ Datasheet HTML 1Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 2Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 3Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 4Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 5Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 6Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 7Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 8Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 1 -
www.scenix.com
Scenix™ and the Scenix logo are trademarks of Scenix Semiconductor, Inc.
I2C™ is a trademark of Philips Corporation
Microwire™ is a trademark of National Semiconductor Corporation
All other trademarks mentioned in this document are property of their respec-
tive companies.
January 19, 2000
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
Configurable Communications Controllers with EE/Flash Program
Memory, In-System Programming Capability and On-Chip Debug
1.0
PRODUCT OVERVIEW
1.1
Introduction
The Scenix SX family of configurable communications
controllers are fabricated in an advanced CMOS process
technology. The advanced process, combined with a
RISC-based architecture, allows high-speed computa-
tion, flexible I/O control, and efficient data manipulation.
Throughput is enhanced by operating the device at fre-
quencies up to 50/75 MHz and by optimizing the instruc-
tion set to include mostly single-cycle instructions. In
addition, the SX architecture is deterministic and totally
reprogramable. The unique combination of these charac-
teristics enables the device to implement hard real-time
functions as software modules (Virtual Peripheral™) to
replace traditional hardware functions.
On-chip functions include a general-purpose 8-bit timer
with prescaler, an analog comparator, a brown-out detec-
tor, a watchdog timer, a power-save mode with multi-
source wakeup capability, an internal R/C oscillator, user-
selectable clock modes, and high-current outputs.
Figure 1-1. Block Diagram
In te rru p t
MIW U
Po rt B
C o m p
P o w er-O n
Re se t
R ESET
8-bit W a tchdo g
Tim er (WD T )
8-bit T im er
RT C C
8
8
8
Po rt C
8
8
Po rt A
8
4
Inte rn al D a ta B u s
In -Syste m
De bu gg ing
In -S yste m
Pro g ra m m in g
2k W o rd s
EEPR O M
S ystem
Clo ck
Brow n -O ut
MIW U
MC L R
OSC
Drive r
4M Hz
In te rn a l
RC O S C
Clock
Sele ct
÷ 4 or ÷ 1
136 Byte s
SR AM
A ddress
Write D ata
R ead D a ta
In structio n
W
FS R
STATU S
PC
MO D E
OPTIO N
System C lock
OS C 1 OS C2
Fe tch
8
8
12
A ddress
12
8
8
8
8
ALU
8
8
8
3
RT C C
An alo g
8
In te rru p t Sta ck
PC
3 L e vel
Decode
Execu tive
W rite Ba ck
IR EAD
Sta ck
Instruction
Pipeline
Pre scale r for R T C C
or
P re sca le r for W D T


Similar Part No. - SX28AC75-I/TQ

ManufacturerPart #DatasheetDescription
logo
Parallax Inc
SX28AC PARALLAX-SX28AC Datasheet
2Mb / 51P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
Rev 1.6 11/20/2006
SX28AC/DP PARALLAX-SX28AC/DP Datasheet
2Mb / 51P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
Rev 1.6 11/20/2006
SX28AC/DP-G PARALLAX-SX28AC/DP-G Datasheet
2Mb / 51P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
Rev 1.6 11/20/2006
SX28AC/SS PARALLAX-SX28AC/SS Datasheet
2Mb / 51P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
Rev 1.6 11/20/2006
SX28AC/SS-G PARALLAX-SX28AC/SS-G Datasheet
2Mb / 51P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
Rev 1.6 11/20/2006
More results

Similar Description - SX28AC75-I/TQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX48BD ETC-SX48BD Datasheet
873Kb / 58P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability, and On-Chip Debug
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
On-chip Flash program memory with in-system programming
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
12K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89C5131 ATMEL-AT89C5131_14 Datasheet
2Mb / 5P
32-Kbyte On-chip Flash In-System Programming through USB or UART
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
64K bytes On-chip Flash Program/Data Memory
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
4K Bytes on-chip flash program memory
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
16KB on-chip program memory
logo
Zilog, Inc.
Z8F083A0128ZCOG ZILOG-Z8F083A0128ZCOG Datasheet
227Kb / 14P
Up to 8 KB Flash memory with in-circuit programming capability
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
In-Circuit Program Debug Emulation
logo
Maxim Integrated Produc...
MAXREFDES100HDK MAXIM-MAXREFDES100HDK Datasheet
439Kb / 5P
Programming and Debug Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com