Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM611MN Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM611MN
Description  Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM611MN Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM611MN Datasheet HTML 1Page - National Semiconductor (TI) LM611MN Datasheet HTML 2Page - National Semiconductor (TI) LM611MN Datasheet HTML 3Page - National Semiconductor (TI) LM611MN Datasheet HTML 4Page - National Semiconductor (TI) LM611MN Datasheet HTML 5Page - National Semiconductor (TI) LM611MN Datasheet HTML 6Page - National Semiconductor (TI) LM611MN Datasheet HTML 7Page - National Semiconductor (TI) LM611MN Datasheet HTML 8Page - National Semiconductor (TI) LM611MN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltage on Any Pins Except V
R
(referred to V
− pin)
36V (Max)
(Note 2)
−0.3V (Min)
Current through Any Input Pin and
V
R Pin
±20 mA
Differential Input Voltage
Military and Industrial
±36V
Commercial
±32V
Storage Temperature Range
−65˚C
≤T
J≤+150˚C
Maximum Junction Temperature
150˚C
Thermal Resistance, Junction-to-Ambient (Note 3)
N Package
100˚C/W
M Package
150˚C/W
Soldering Information Soldering (10 seconds)
N Package
260˚C
M Package
220˚C
ESD Tolerance (Note 4)
±1kV
Operating Temperature Range
LM611AI, LM611I, LM611BI
−40˚C
≤T
J≤+85˚C
LM611AM, LM611M
−55˚C
≤T
J≤+125˚C
LM611C
0˚C
≤T
J≤70˚C
Electrical Characteristics
These specifications apply for V
− = GND = 0V, V+ = 5V, V
CM = VOUT = 2.5V, IR = 100 µA, FEEDBACK pin shorted to GND,
unless otherwise specified. Limits in standard typeface are for T
J = 25˚C; limits in boldface type apply over the Operating
Temperature Range.
LM611M
LM611AM
LM611BI
Symbol
Parameter
Conditions
Typical
LM611AI
LM611I
Units
(Note 5)
Limits
LM611C
(Note 6)
Limits
(Note 6)
I
S
Total Supply Current
R
LOAD = ∞,
210
300
350
µA max
4V
≤ V+ ≤ 36V (32V for LM611C)
221
320
370
µA max
V
S
Supply Voltage Range
2.2
2.8
2.8
V min
2.9
3
3
V min
46
36
32
V max
43
36
32
V max
OPERATIONAL AMPLIFIER
V
OS1
V
OS Over Supply
4V
≤ V+ ≤ 36V
1.5
3.5
5.0
mV max
(4V
≤ V+ ≤ 32V for LM611C)
2.0
6.0
7.0
mV max
V
OS2
V
OS Over VCM
V
CM = 0V through VCM =
1.0
3.5
5.0
mV max
(V
+ − 1.8V), V+ = 30V, V− = 0V
1.5
6.0
7.0
mV max
Average V
OS Drift
(Note 6)
15
µV/˚C
max
I
B
Input Bias Current
10
25
35
nA max
11
30
40
nA max
I
OS
Input Offset Current
0.2
4
4
nA max
0.3
5
5
nA max
Average Offset Drift
Current
4
pA/˚C
R
IN
Input Resistance
Differential
1800
M
Ω
Common-Mode
3800
M
Ω
C
IN
Input Capacitance
Common-Mode
5.7
pF
e
n
Voltage Noise
f = 100 Hz,
Input Referred
74
I
n
Current Noise
f = 100 Hz,
Input Referred
58
CMRR
Common-Mode
V
+ = 30V, 0V
≤ V
CM ≤ (V
+ − 1.8V)
95
80
75
dB min
Rejection-Ratio
CMRR = 20 log (
∆V
CM/∆VOS)
90
75
70
dB min
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com