Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6121 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6121
Description  High Speed Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6121 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6121 Datasheet HTML 1Page - National Semiconductor (TI) LM6121 Datasheet HTML 2Page - National Semiconductor (TI) LM6121 Datasheet HTML 3Page - National Semiconductor (TI) LM6121 Datasheet HTML 4Page - National Semiconductor (TI) LM6121 Datasheet HTML 5Page - National Semiconductor (TI) LM6121 Datasheet HTML 6Page - National Semiconductor (TI) LM6121 Datasheet HTML 7Page - National Semiconductor (TI) LM6121 Datasheet HTML 8Page - National Semiconductor (TI) LM6121 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM6121/LM6221/LM6321
High Speed Buffer
General Description
These high speed unity gain buffers slew at 800 V/µs and
have a small signal bandwidth of 50 MHz while driving a 50
load. They can drive ±300 mA peak and do not oscillate
while driving large capacitive loads. The LM6121 family are
monolithic ICs which offer performance similar to the
LH0002 with the additional features of current limit and ther-
mal shutdown.
These buffers are built with National’s VIP(Vertically Inte-
grated PNP) process which provides fast PNP transistors
that are true complements to the already fast NPN devices.
This advanced junction-isolated process delivers high speed
performance without the need for complex and expensive di-
electric isolation.
Features
n High slew rate:
800 V/µs
n Wide bandwidth:
50 MHz
n Slew rate and bandwidth 100% tested
n Peak output current:
±300 mA
n High input impedance:
5 M
n LH0002H pin compatible
n No oscillations with capacitive loads
n 5V to ±15V operation guaranteed
n Current and thermal limiting
n Fully specified to drive 50
Ω lines
Applications
n Line Driving
n Radar
n Sonar
Simplified Schematic
VIPis a trademark of National Semiconductor Corporation.
DS009223-1
Numbers in ( ) are for 8-pin N DIP.
May 1998
© 1999 National Semiconductor Corporation
DS009223
www.national.com


Similar Part No. - LM6121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
High Speed Buffer
logo
National Semiconductor ...
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
High Speed Buffer
More results

Similar Description - LM6121

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
High Speed Buffer
logo
Burr-Brown (TI)
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
High Speed BUFFER AMPLIFIER
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
High Speed Buffer
CLM4125 CALOGIC-CLM4125 Datasheet
53Kb / 4P
350MHz High Speed Buffer
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
High Speed Buffer
logo
National Semiconductor ...
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
High Speed Buffer
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634_12 Datasheet
851Kb / 20P
250mA HIGH-SPEED BUFFER
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
High Speed Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com