Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM611AIN Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM611AIN
Description  Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM611AIN Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM611AIN Datasheet HTML 4Page - National Semiconductor (TI) LM611AIN Datasheet HTML 5Page - National Semiconductor (TI) LM611AIN Datasheet HTML 6Page - National Semiconductor (TI) LM611AIN Datasheet HTML 7Page - National Semiconductor (TI) LM611AIN Datasheet HTML 8Page - National Semiconductor (TI) LM611AIN Datasheet HTML 9Page - National Semiconductor (TI) LM611AIN Datasheet HTML 10Page - National Semiconductor (TI) LM611AIN Datasheet HTML 11Page - National Semiconductor (TI) LM611AIN Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Typical Performance Characteristics (Op Amps) V+ = 5V, V− = GND = 0V, V
CM = V
+/2,
VOUT = V
+/2, T
J = 25˚C, unless otherwise noted (Continued)
Output Source Current vs
Output Voltage and Temp.
DS009221-56
Output Sink Current vs
Output Voltage
DS009221-57
Output Swing,
Large Signal
DS009221-58
Output Impedance vs
Frequency and Gain
DS009221-59
Small Signal Pulse
Response vs Temp.
DS009221-60
Small-Signal Pulse
Response vs Load
DS009221-61
Op Amp Voltage Noise
vs Frequency
DS009221-62
Op Amp Current Noise
vs Frequency
DS009221-63
Small-Signal Voltage Gain vs
Frequency and Temperature
DS009221-64
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com