Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

601 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 601
Description  RC Network T-Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

601 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  601 Datasheet HTML 1Page - Bourns Electronic Solutions 601 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0dB
+5dB
-5dB
-10dB
-15dB
-20dB
-25dB
-30dB
-35dB
-40dB
DC
100Hz
1kHz
10kHz
.1MHz
1MHz
10MHz
100MHz
1GHz
200pF
50pF
Attenuation vs. Frequency
Model 4120R-601-250/500
Model 4420-601-250/500
50pF - 3dB @ 84 MHz
Attenuation vs. Frequency
Model 4120R-601-250/201
Model 4420P-601-250/201
200pF - 3dB @ 21 MHz
indicates - 3dB rolloff frequency (f )
c
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
601 Series - RC Network T-Filters
REV. 09/14
Attenuation Vs. Frequency - Typical Capacitor Values With R= 25 Ohms
These low-pass filters are ideal for installation between I/O drivers and RS 232
connectors.
Insert RC/CC Code from table below to
form part number.
RCRCCC
250
25
500
50 pF
270
27
101
100 pF
470
47
181
180 pF
820
82
201
200 pF
101
100
Typical Circuit
11
R
10
20
1
R
C
R
4120R-601-RC/CC
4420R-601-RC/CC
How To Order EMI/RFI Filter Networks
44 20 P - 601 - RC/CC __
Model
Terminations
(44 = SMD SOIC Pkg)
L = RoHS compliant (tin-plated)
(41 = Molded DIP)
Blank = Tin-lead plated
Number of Pins
Resistance/Capacitance Code
• First 2 digits are significant
• Third digit represents the
Physical Configuration
number of zeros to follow
P = Surface Mount Device (SMD)
R = Molded DIP
Electrical Configuration
For tube packaging, use code
“T06”
Consult factory for values not listed.
Packages Available
4420P-601-*RC/CC-SMD
4120R-601-*RC/CC-DIP
4118R-601-*RC/CC-DIP
*First two digits are significant. Third digit
represents the number of zeros to follow.
Seven circuits in an 18-pin package.
Eight circuits in a 20-pin package.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com