Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

700 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 700
Description  RC Terminator Networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

700 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  700 Datasheet HTML 1Page - Bourns Electronic Solutions 700 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
700 Series - RC Terminator Networks
REV. 12/15
Standard Resistance Values And Codes
Additional Features
■ Prevents bus lines and control signals from
floating to undefined logic levels.
■ Optimizes signal transmission in high
performance systems through proper
termination.
■ Eliminates overshoot and ringing, increases
noise immunity, minimizes signal distortion,
and lowers EMI/RFI radiation.
■ Minimizes space and routing problems, and
reduces manufacturing cost per installed
resistive function.
■ Increases board yields and reliability by
reducing component count.
Standard Capacitance Values And Codes
Capacitance
Marking
Capacitance Capacitance Marking Capacitance
Code
Code
Code
Code
39pF
A
390
1000 pF
R
102
47
B
470
1200
S
122
56
C
560
1500
T
152
68
D
680
1800
U
182
82
E
820
2200
V
222
100
F
101
2700
W
272
120
G
121
3300
X
332
150
H
151
3900
Y
392
180
I
181
4700
Z
472
220
J
221
5600
A1
562
270
K
271
6800
A2
682
330
L
331
8200
A3
822
390
M
391
.010 µF
A4
103
470
N
471
.012
A5
123
560
O
561
.015
A6
153
680
P
681
.018
A7
183
820
Q
821
.022
A8
223
.027
A9
273
.033
B1
333
.039
B2
393
.047
B3
473
How To Order RC Terminator Networks
46 08 H - 701 - RC/CC L
Model
Terminations
(46 = Conformal
L = Lead free
SIP)
(Sn/Ag/Cu-plated)
Number of Pins
Resistance/
• 4 to 16
Capacitance Code
• First 2 digits are
significant
Physical
• Third digit
Configuration
represents the
(H = High Profile)
number of zeros
to follow
Electrical Configuration
• 701 = Single Termination
• 702 = Double Termination
Values not appearing in above tables are available to optimize system
performance. Contact Bourns Networks to inquire.
Resistance
Marking
Resistance
Resistance
Marking
Resistance
(Ohms)
Code
Code
(Ohms)
Code
Code
22
A
220
2,700
A3
272
27
B
270
3,300
A4
332
33
C
330
3,900
A5
392
39
D
390
5,600
A6
562
47
E
470
6,800
A7
682
50
F
500
8,200
A8
822
56
G
560
10,000
A9
103
68
H
680
12,000
B1
123
75
I
750
15,000
B2
153
82
J
820
18,000
B3
183
100
K
101
20,000
B4
203
120
L
121
22,000
B5
223
150
M
151
27,000
B6
273
180
N
181
33,000
B7
333
220
O
221
39,000
B8
393
270
P
271
47,000
B9
473
330
Q
331
56,000
C1
563
390
R
391
68,000
C2
683
470
S
471
82,000
C3
823
560
T
561
100,000
C4
104
680
U
681
120,000
C5
124
820
V
821
150,000
C6
154
1,000
W
102
180,000
C7
184
1,200
X
122
220,000
C8
224
1,500
Y
152
270,000
C9
274
1,800
Z
182
330,000
D1
334
2,000
A1
202
390,000
D2
394
2,200
A2
222
470,000
D3
474
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com