Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C256 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 27C256
Description  262,144-Bit (32K x 8) High Performance CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

27C256 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button 27C256 Datasheet HTML 4Page - National Semiconductor (TI) 27C256 Datasheet HTML 5Page - National Semiconductor (TI) 27C256 Datasheet HTML 6Page - National Semiconductor (TI) 27C256 Datasheet HTML 7Page - National Semiconductor (TI) 27C256 Datasheet HTML 8Page - National Semiconductor (TI) 27C256 Datasheet HTML 9Page - National Semiconductor (TI) 27C256 Datasheet HTML 10Page - National Semiconductor (TI) 27C256 Datasheet HTML 11Page - National Semiconductor (TI) 27C256 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Mode Selection
The modes of operation of NM27C256 listed in Table I A single 5V power supply is required in the read mode All inputs are TTL
levels except for VPP and A9 for device signature
TABLE I Modes Selection
Pins
CE PGM
OE
VPP
VCC
Outputs
Mode
Read
VIL
VIL
VCC
50V
DOUT
Output Disable
X
VIH
VCC
50V
High-Z
(Note 1)
Standby
VIH
XVCC
50V
High-Z
Programming
VIL
VIH
1275V
625V
DIN
Program Verify
VIH
VIL
1275V
625V
DOUT
Program Inhibit
VIH
VIH
1275V
625V
High-Z
Note 1
X can be VIL or VIH
TABLE II Manufacturer’s Identification Code
Pins
A0
A9
O7
O6
O5
O4
O3
O2
O1
O0
Hex
(10)
(24)
(19)
(18)
(17)
(16)
(15)
(13)
(12)
(11)
Data
Manufacturer Code
VIL
12V
10001111
8F
Device Code
VIH
12V
00000100
04
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com