Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB1M Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # RMB1M
Description  SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

RMB1M Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  RMB1M Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. RMB1M Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. RMB1M Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.3
Maximum reverse recovery time
60
Polarity:As Marked on Case
Mechanical Data
Case:Reliable low cost construction
utilizing molded plastic technique
Terminals:Plated Leads Solderable per MIL-
STD-202,Method208
·
· Mounting Position:Any
· Marking:Type Number
· Ideal for printed circuit board
· Surge overload rating-30A peak
· Designed for Surface Mount Application
· Plastic Material-UL Flammability 94V-0
·
·
Features
· Glass Passivated Die Construction
· Low leakage
RMB1
M THRU RMB10M
SINGLE PHASE 0.8AMP
FAST GLASS PASSIVATED BRIDGE RECTIFIER
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics
SYMBOL
RMB8M RMB10M
VRRM
VRWM
VDC
VRMS
70
140
280
420
560
700
VFM
CJ
RθJA
RθJL
TJ,TSTG
0.5
0.8
4. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
Average Rectified Output Current (Note 1)@TC=100℃
(Note 2)@TC=100℃
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA=125℃
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
℃
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Mounted on aluminum substrate PC board with 1.3mm
2 solder pad.
uA
Typical Junction Capacitance per leg (Note 4)
13
pF
Typical Thermal Resistance per leg
16
℃/W
IR
5.0
200
A
Forward Voltage per element
@IF=0.8A
V
IFSM
30
UNITS
V
V
IF(AV)
A
1000
100
200
400
600
800
TYPE NUMBER
ns
250
500
150
RR
T
Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
3.
(
Note 3)
1 of 3
version:02
www.dyelec.com
dimensions in inches and (millimeters)
A
t
2t Rating for Fusing (t < 8.3ms)
2
2s
I
3.735
I
RMB1M RMB2M RMB4MRMB6M
0.028
0.016
0.7
0.4
(
)
(
)
MBM
0.236 6.0
0.213 5.4
0.004
0.012
0.30
0.10
0.134
0.157
3.4
4.0
(
)
(
)
(
)
(
)
(
)
(
)
0.179
0.203
4.55
5.15
0.193
4.90
0.051(1.3)
0.035(0.9)
0.106(2.7)
0.091(2.3)
(
)
(
)
0.106(2.7)
0.091(2.3)
(
)
0.177(4.50)
+
-
~
~


Similar Part No. - RMB1M

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
RMB1M DYELEC-RMB1M Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1MN DYELEC-RMB1MN Datasheet
1Mb / 2P
Ideal for printed circuit board
RMB1MU DYELEC-RMB1MU Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1MU DYELEC-RMB1MU_17 Datasheet
1Mb / 3P
SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RMB1M

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
EMB1S DYELEC-EMB1S Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP SUPER FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1M DYELEC-RMB1M Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1S DYELEC-RMB1S Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1M DYELEC-UMB1M Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1F DYELEC-RMB1F_17 Datasheet
2Mb / 3P
PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1S DYELEC-RMB1S_17 Datasheet
1Mb / 3P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
UABS2 DYELEC-UABS2_17 Datasheet
2Mb / 3P
SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1F DYELEC-UMB1F Datasheet
2Mb / 3P
SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABS2 DYELEC-RABS2_17 Datasheet
2Mb / 3P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
EMB1M DYELEC-EMB1M Datasheet
2Mb / 3P
SINGLE PHASE 0.8AMP SUPER FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com