Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34C60 Datasheet(PDF) 21 Page - SMSC Corporation

Part # 34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

34C60 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button 34C60 Datasheet HTML 17Page - SMSC Corporation 34C60 Datasheet HTML 18Page - SMSC Corporation 34C60 Datasheet HTML 19Page - SMSC Corporation 34C60 Datasheet HTML 20Page - SMSC Corporation 34C60 Datasheet HTML 21Page - SMSC Corporation 34C60 Datasheet HTML 22Page - SMSC Corporation 34C60 Datasheet HTML 23Page - SMSC Corporation 34C60 Datasheet HTML 24Page - SMSC Corporation 34C60 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
SMSC DS – PPC34C60
Page 21
Rev. 06/01/2001
ADVANCED INFORMATION
BIT 4:SO0 - STROBE 0/STANDARD OUTPUT 4
0
Select Output line 4 (Pin 44) as a General Purpose inverting output.
1
Select Output line 4 (Pin 44) as a Strobe output.
BIT 5:SO1 - STROBE 1/STANDARD OUTPUT 5
0
Select Output line 5 (Pin 43) as a General Purpose inverting output.
1
Select Output line 5 (Pin 43) as a Strobe output.
BIT 6,7:SP0,SP1 - AUTO-POWER/STROBE 2/STANDARD OUTPUT 6
0,x
Select Output line 6 (Pin 42) as an Auto-Power Pin.
1,0
Select Output line 6 (Pin 42) as a General Purpose inverting output.
1,1
Select Output line 6 (Pin 42) as a Strobe output.
OUTPUT REGISTER - 0010 (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BRESET
nOP6
nPWR
STB2
nOP5
STB1
nOP4
STB0
nOP3
CS3
nOP2
CS2
nOP1
CS1
nOP0
CS0
Each Output Register bit independently controls the operation of its respective Output pin. The function of each output pin,
except for BRST (Pins 94 and 95), is determined by the data stored in the Output Configuration Register.
CHIP SELECT OUTPUTS
Output lines 0-3 (Pins 84-87) are programmable as Chip Selects (CS0-CS3) via the Output Configuration Register. When
programmed as a Chip Select, the output pin will go low during bus operations if its associated bit in the Output Register is
set. If the associated bit is not set in this register, the output pin will remain high.
STROBE OUTPUTS
Output lines 4-6 (Pins 44-42), when programmed as strobes (STB0-STB2) via the Output Configuration Register, will pulse
low for two BUSCLK periods when the associated bit is set. The strobes recover and may be re-written at any time.
Note: the strobe Output Register bits are reset automatically after the strobe is generated.
AUTO-POWER OUTPUT
Output line 6 (Pin 42), when programmed as Auto-Power (nPWR), via the Output Configuration Register, will remain at a
high level as long as host activity is detected. When the chip determines that power may be shut off, this pin will go low.
There are two mechanisms driving this output. The first mechanism monitors the levels on the host port. If the port
assumes the terminated levels or all low levels for 16 to 20 seconds, then the host is presumed off (or disconnected). The
second mechanism monitors Host port activity (signal transitions). After a one minute period of inactivity (given that the
WDOGEN pin is tied low) the watchdog will be triggered sending four beeps to the piezo driver. After completion of the
tones the Auto-Power pin will go low.
GENERAL PURPOSE OUTPUTS
Bit 7 (BRESET) and any other bits that are programmed through the Output Configuration Register as general purpose
output bits are inverted and passed to the associated output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com