Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G126 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC2G126
Description  Dual buffer/line driver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G126 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC2G126 Datasheet HTML 1Page - NXP Semiconductors 74HC2G126 Datasheet HTML 2Page - NXP Semiconductors 74HC2G126 Datasheet HTML 3Page - NXP Semiconductors 74HC2G126 Datasheet HTML 4Page - NXP Semiconductors 74HC2G126 Datasheet HTML 5Page - NXP Semiconductors 74HC2G126 Datasheet HTML 6Page - NXP Semiconductors 74HC2G126 Datasheet HTML 7Page - NXP Semiconductors 74HC2G126 Datasheet HTML 8Page - NXP Semiconductors 74HC2G126 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2003 Mar 03
4
Philips Semiconductors
Product specification
Dual buffer/line driver; 3-state
74HC2G126; 74HCT2G126
Fig.1 Pin configuration.
handbook, halfpage
MNA945
126
1
2
3
4
1OE
1A
2Y
GND
VCC
2OE
1Y
2A
8
7
6
5
Fig.2 Logic symbol.
handbook, halfpage
MNA946
2A
1A
2OE
1OE
2
1
7
5
1Y
2Y
6
3
Fig.3 Logic symbol (IEEE/IEC).
handbook, halfpage
MNA947
1
EN1
1
6
2
7
3
5
Fig.4 Logic diagram (one driver).
handbook, halfpage
MNA127
OE
A
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com