Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G126DP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC2G126DP
Description  Dual buffer/line driver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G126DP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC2G126DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G126DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G126DP Datasheet HTML 9Page - NXP Semiconductors 74HC2G126DP Datasheet HTML 10Page - NXP Semiconductors 74HC2G126DP Datasheet HTML 11Page - NXP Semiconductors 74HC2G126DP Datasheet HTML 12Page - NXP Semiconductors 74HC2G126DP Datasheet HTML 13Page - NXP Semiconductors 74HC2G126DP Datasheet HTML 14Page - NXP Semiconductors 74HC2G126DP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2003 Mar 03
11
Philips Semiconductors
Product specification
Dual buffer/line driver; 3-state
74HC2G126; 74HCT2G126
handbook, full pagewidth
MNA949
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VOL
VOH
VCC
VI
VM
GND
GND
tPZL
tPZH
VM
VM
Fig.6 The 3-state enable and disable times.
For 74HC2G126: VM = 50%; VI = GND to VCC
For 74HCT2G126: VM = 1.3 V; VI = GND to 3.0 V.
handbook, full pagewidth
open
GND
VCC
VCC
VI
VO
MNA232
D.U.T.
CL
RT
RL =
1000
Ω
PULSE
GENERATOR
S1
Fig.7 Load circuitry for switching times.
Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance (see “AC characteristics” for values).
RL = Load resistance (see “AC characteristics” for values).
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com