Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM611IM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM611IM
Description  Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM611IM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM611IM Datasheet HTML 1Page - National Semiconductor (TI) LM611IM Datasheet HTML 2Page - National Semiconductor (TI) LM611IM Datasheet HTML 3Page - National Semiconductor (TI) LM611IM Datasheet HTML 4Page - National Semiconductor (TI) LM611IM Datasheet HTML 5Page - National Semiconductor (TI) LM611IM Datasheet HTML 6Page - National Semiconductor (TI) LM611IM Datasheet HTML 7Page - National Semiconductor (TI) LM611IM Datasheet HTML 8Page - National Semiconductor (TI) LM611IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Electrical Characteristics (Continued)
These specifications apply for V
− = GND = 0V, V+ = 5V, V
CM = VOUT = 2.5V, IR = 100 µA, FEEDBACK pin shorted to GND,
unless otherwise specified. Limits in standard typeface are for T
J = 25˚C; limits in boldface type apply over the Operating
Temperature Range.
LM611M
LM611AM
LM611BI
Symbol
Parameter
Conditions
Typical
LM611AI
LM611I
Units
(Note 5)
Limits
LM611C
(Note 6)
Limits
(Note 6)
OPERATIONAL AMPLIFIER
PSRR
Power Supply
4V
≤ V+ ≤ 30V, V
CM = V
+/2,
110
80
75
dB min
Rejection-Ratio
PSRR = 20 log (
∆V+/∆V
OS)
100
75
70
dB min
A
V
Open Loop
R
L = 10 kΩ to GND, V
+ = 30V,
500
100
94
V/mV
Voltage Gain
5V
≤ V
OUT ≤ 25V
50
40
40
min
SR
Slew Rate
V
+ = 30V (Note 7)
0.70
0.55
0.50
V/µs
0.65
0.45
0.45
GBW
Gain Bandwidth
C
L = 50 pF
0.80
MHz
0.50
V
O1
Output Voltage
R
L = 10 kΩ to GND
V
+ − 1.4
V
+ − 1.7
V
+ − 1.8
V min
Swing High
V
+ = 36V (32V for LM611C)
V
+ − 1.6
V
+ − 1.9
V
+ − 1.9
V min
V
O2
Output Voltage
R
L = 10 kΩ to V
+
V
− + 0.8
V
− + 0.9
V
− + 0.95
V max
Swing Low
V
+ = 36V (32V for LM611C)
V
− + 0.9
V
− + 1.0
V
− + 1.0
V max
I
OUT
Output Source
V
OUT = 2.5V, V+IN = 0V,
25
20
16
mA min
Current
V
−IN = −0.3V
15
13
13
mA min
I
SINK
Output Sink
V
OUT = 1.6V, V+IN = 0V,
17
14
13
mA min
Current
V
−IN = 0.3V
98
8
mA min
I
SHORT
Short Circuit Current
V
OUT = 0V, V+IN = 3V,
30
50
50
mA max
V
−IN = 2V, Source
40
60
60
mA max
V
OUT = 5V, V+IN = 2V,
30
60
70
mA max
V
−IN = 3V, Sink
32
80
90
mA max
VOLTAGE REFERENCE
V
R
Reference Voltage
(Note 8)
1.244
1.2365
1.2191
V min
1.2515
1.2689
V max
(±0.6%)(±2.0%)
Average Temperature
Drift
(Note 9)
10
80
150
PPM/˚C
max
Hysteresis
Hyst = (Vro' − Vro)/
∆T
J (Note 10)
3.2
µV/˚C
V
R Change
V
R(100 µA) −VR(17 µA)
0.05
1
1
mV max
with Current
0.1
1.1
1.1
mV max
V
R(10 mA) −VR(100 µA)
1.5
5
5
mV max
(Note 11)
2.0
5.5
5.5
mV max
R
Resistance
∆V
R(10→0.1 mA)/9.9 mA
0.2
0.56
0.56
Ω max
∆V
R(100→17 µA)/83 µA
0.6
13
13
Ω max
V
R Change with
V
R(Vro = Vr) −VR(Vro = 6.3V)
2.5
7
7
mV max
High V
RO
(5.06V between Anode and
FEEDBACK)
2.8
10
10
mV max
V
R Change with
V
R(V+ = 5V) −VR(V+ = 36V)
0.1
1.2
1.2
mV max
V
+ Change
(V
+ = 32V for LM611C)
0.1
1.3
1.3
mV max
V
R(V+ = 5V) −VR(V+ = 3V)
0.01
1
1
mV max
0.01
1.5
1.5
mV max
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com