Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC557ALC4TR-R5 Datasheet(PDF) 23 Page - Analog Devices

Part # HMC557ALC4TR-R5
Description  24-terminal ceramic leadless chip carrier package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC557ALC4TR-R5 Datasheet(HTML) 23 Page - Analog Devices

Back Button HMC557ALC4TR-R5 Datasheet HTML 15Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 16Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 17Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC557ALC4TR-R5 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
HMC557A
Rev. C | Page 23 of 23
OUTLINE DIMENSIONS
12
0.50
BSC
2.50 REF
BOTTOM VIEW
TOP VIEW
SIDE VIEW
SEATING
PLANE
1.02 MAX
2.50 SQ
1
24
7
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.36
0.30
0.24
PIN 1
(0.32 × 0.32)
EXPOSED
PAD
PIN 1
INDICATOR
4.13
4.00 SQ
3.87
3.10 BSC
Figure 84. 24-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-24-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Package Body
Material
Lead
Finish
MSL
Rating1
Branding2
Package
Description
Package
Option
HMC557ALC4
−40°C to +85°C
Alumina Ceramic
Gold over
Nickel
MSL3
H557A
XXXX
24-Lead LCC
E-24-1
HMC557ALC4TR
−40°C to +85°C
Alumina Ceramic
Gold over
Nickel
MLS3
H557A
XXXX
24-Lead LCC
E-24-1
HMC557ALC4TR-R5
−40°C to +85°C
Alumina Ceramic
Gold over
Nickel
MLS3
H557A
XXXX
24-Lead LCC
E-24-1
EV1HMC557ALC4
Evaluation Board
1
Maximum peak reflow temperature of 260°C.
2
Four-digit lot number = XXXX.
©2015–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13161-0-8/16(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com