Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP131 Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RP131
Description  Output Current Min. 1A
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP131 Datasheet(HTML) 3 Page - RICOH electronics devices division

  RP131 Datasheet HTML 1Page - RICOH electronics devices division RP131 Datasheet HTML 2Page - RICOH electronics devices division RP131 Datasheet HTML 3Page - RICOH electronics devices division RP131 Datasheet HTML 4Page - RICOH electronics devices division RP131 Datasheet HTML 5Page - RICOH electronics devices division RP131 Datasheet HTML 6Page - RICOH electronics devices division RP131 Datasheet HTML 7Page - RICOH electronics devices division RP131 Datasheet HTML 8Page - RICOH electronics devices division RP131 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
RP131x
NO.EA-174-160426
3
PIN CONFIGURATIONS
DFN1616-6B
DFN(PLP)1820-6
Top View
3
4
2
5
1
6
Bottom View
1
6
2
5
3
4
∗1
Top View
6
54
12
3
Bottom View
4
5
6
3
2
1
∗1
SOT-89-5
HSOP-6J
TO-252-5-P2
1
3
5
4
2
13
64
2
5
1 2
3
4
5
PIN DESCRIPTIONS
DFN1616-6B
Pin No.
Symbol
Pin Description
1
VOUT
Output Pin∗2
2
VOUT
Output Pin∗2
3
GND
Ground Pin
4
CE
Chip Enable Pin ("H" Active)
5
VDD
Input Pin∗2
6
VDD
Input Pin∗2
∗1) Tab is GND level. (They are connected to the reverse side of this IC.)
The tab is better to be connected to the GND, but leaving it open is also acceptable.
∗2) When you use this IC, please make sure be wired with 1pin with 2pin and 5pin with 6pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com