Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC602LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC602LP4
Description  Receiver Signal Strength Indication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC602LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC602LP4 Datasheet HTML 1Page - Analog Devices HMC602LP4 Datasheet HTML 2Page - Analog Devices HMC602LP4 Datasheet HTML 3Page - Analog Devices HMC602LP4 Datasheet HTML 4Page - Analog Devices HMC602LP4 Datasheet HTML 5Page - Analog Devices HMC602LP4 Datasheet HTML 6Page - Analog Devices HMC602LP4 Datasheet HTML 7Page - Analog Devices HMC602LP4 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 18
HMC602LP4 / 602LP4E
General Description
Features
Functional Diagram
The HMC602LP4(E) Logarithmic Detector/Controller
converts RF signals at its input, to a proportional DC
voltage at its output. The HMC602LP4(E) employs
a successive compression topology which delivers
extremely high dynamic range and conversion accuracy
over a wide input frequency range. As the input power
is increased, successive amplifiers move into saturation
one by one creating an accurate approximation of the
logarithm function. The output of a series of square law
detectors is summed, converted into voltage domain
and buffered to drive the LOGOUT output. For detection
mode, the LOGOUT pin is shorted to the VSET input,
and will provide a nominal logarithmic slope of -25mV/
dB and an intercept of 18 dBm (23 dBm for ƒ > 5.8 GHz).
The HMC602LP4(E) can also be used in the controller
mode where an external voltage is applied to the VSET
pin, to create an AGC or APC feedback loop.
Wide Dynamic Range: up to 70 dB
High Accuracy: ±1 dB with 60 dB Range Up To 6 GHz
Fast: 10ns Output Response Time
Supply Voltage: +5V
Power-Down Mode
Excellent Stability over Temperature
Buffered Temperature Sensor Output
Compact 4x4mm Leadless SMT Package
Typical Applications
The HMC602LP4(E) is ideal for IF and RF applica-
tions in:
• Cellular/PCS/3G
• WiMAX, WiBro, WLAN, Fixed Wireless & Radar
• Power Monitoring & Control Circuitry
• Receiver Signal Strength Indication (RSSI)
• Automatic Gain & Power Control
Electrical Specifications, TA = +25C, EN= 5V, Vcc1, Vcc2, Vcc3= +5V [1]
Parameter
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Units
Input Frequency
50
100
900
1900
2200
3600
5800
7000
8000
MHz
±3 dB Dynamic Range
69
70
71
71
71
68
66
61
56
dB
±3 dB Dynamic Range Center
-24.5
-25
-25.5
-25.5
-25.5
-24
-23
-20.5
-19
dBm
±1 dB Dynamic Range
61
61
62
62
63
62
63
56
49
dB
Output Intercept
18.2
18
18.7
19.8
20.2
23.1
24.4
23
21.6
dBm
Output Slope
-25.6
-25.5
-25.3
-25
-25
-24.6
-25.4
-27.5
-30
mV/dB
Temperature Sensitivity @ -10 dBm Input [2]
16
16
14
14
15
16
15
14
22
mdB/°C
[1] Detector mode measurements; LOGOUT (Pin 15) is shorted to VSET (Pin 16).
[2] Measured from T
A
= -40C to TA = +85C
[3] C9 removed from production board
Parameter
Conditions
Min.
Typ.
Max.
Units
LOGOUT Interface
Output Voltage Range
0Vcc -1.0
V
Output Fall Time
-10 dBm Input Pulsed; Measured from 10% to 90% [3]
9.5
ns
Output Rise Time
-10 dBm Input Pulsed; Measured from 10% to 70% [3]
10
ns
VSET Interface
Input Impedance
30
kΩ
Input Voltage Range
0.25 to 2.0
V
Low Frequency Gain
VSET to LOGOUT
56
dB
70 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 8000 MHz
v03.0209
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC602LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4 Datasheet
364Kb / 8P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC602LP4 HITTITE-HMC602LP4 Datasheet
626Kb / 10P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC602LP4E HITTITE-HMC602LP4E Datasheet
364Kb / 8P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC602LP4E HITTITE-HMC602LP4E Datasheet
626Kb / 10P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
More results

Similar Description - HMC602LP4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL9270N ETC-IL9270N Datasheet
133Kb / 5P
DTMF signal receiver
logo
Integrated Device Techn...
IDT82V3012 IDT-IDT82V3012 Datasheet
456Kb / 32P
Holdover status indication
logo
STMicroelectronics
EV-VN7010AJ STMICROELECTRONICS-EV-VN7010AJ Datasheet
512Kb / 7P
Thermal shutdown indication
18-Jun-2015
EV-VN7016AJ STMICROELECTRONICS-EV-VN7016AJ Datasheet
513Kb / 7P
Thermal shutdown indication
26-Jun-2014
EV-VN7040AJ STMICROELECTRONICS-EV-VN7040AJ Datasheet
436Kb / 7P
Thermal shutdown indication
21-Jul-2014
EV-VN7040AS STMICROELECTRONICS-EV-VN7040AS Datasheet
477Kb / 7P
Thermal shutdown indication
09-Apr-2014
EV-VN7050AS STMICROELECTRONICS-EV-VN7050AS Datasheet
430Kb / 7P
Thermal shutdown indication
03-Sep-2015
EV-VN7140AJ STMICROELECTRONICS-EV-VN7140AJ Datasheet
436Kb / 7P
Thermal shutdown indication
21-Jul-2014
logo
PHOENIX CONTACT
IEG45-3LA40021 PHOENIX-IEG45-3LA40021 Datasheet
104Kb / 2P
Voltage indication module
logo
Hongfa Technology
HFD4-V HONGFA-HFD4-V Datasheet
777Kb / 5P
SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com