Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC602LP4E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC602LP4E
Description  Receiver Signal Strength Indication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC602LP4E Datasheet(HTML) 2 Page - Analog Devices

  HMC602LP4E Datasheet HTML 1Page - Analog Devices HMC602LP4E Datasheet HTML 2Page - Analog Devices HMC602LP4E Datasheet HTML 3Page - Analog Devices HMC602LP4E Datasheet HTML 4Page - Analog Devices HMC602LP4E Datasheet HTML 5Page - Analog Devices HMC602LP4E Datasheet HTML 6Page - Analog Devices HMC602LP4E Datasheet HTML 7Page - Analog Devices HMC602LP4E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 19
Electrical Specifications, (continued)
Parameter
Condition
Vcc1, Vcc2, Vcc3
+5V
Input Zo
50Ω
T
A
+25C
Fin
900 MHz
Test Conditions
Unless otherwise noted: Vcc1, Vcc2, Vcc3 = +5V, TA = +25C
LOGOUT Voltage & Error
vs. Input Power, Fin = 100 MHz
LOGOUT Voltage & Error
vs. Input Power, Fin = 1900 MHz
LOGOUT Voltage & Error
vs. Input Power, Fin = 900 MHz
0.2
0.8
1.4
2
2.6
-4
-2
0
2
4
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
0.2
0.8
1.4
2
2.6
-4
-2
0
2
4
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
0.2
0.8
1.4
2
2.6
-4
-2
0
2
4
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
LOGOUT Voltage & Error
vs. Input Power, Fin = 50 MHz
0.2
0.8
1.4
2
2.6
-4
-2
0
2
4
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
Parameter
Conditions
Min.
Typ.
Max.
Units
Open Loop Corner Frequency
700
kHz
Power Down (EN) Interface
Voltage Range for Normal Mode
0.8 x Vcc [4]
Vcc [4]
V
Voltage Range for Powerdown Mode
0
0.2 x Vcc [4]
V
Threshold Voltage
Vcc [4]/2
V
Power Supply (Vcc1, Vcc2, Vcc3)
Operating Voltage Range
4.5
5.5
V
Supply Current in Normal Mode
113
mA
Supply Current in Power Down Mode
1mA
[4] Vcc= Vcc1= Vcc2= Vcc3= +5V
HMC602LP4 / 602LP4E
v03.0209
70 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 8000 MHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com