Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMD Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # EMD
Description  General Eastern Humidity Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

EMD Datasheet(HTML) 2 Page - Willow Technologies Ltd

  EMD Datasheet HTML 1Page - Willow Technologies Ltd EMD Datasheet HTML 2Page - Willow Technologies Ltd EMD Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The EMD-4000 is capable of withstanding
environments where organic vapors are present. It
recovers from condensing environments and may
be used at temperatures up to 185°F (85°C). The
EMD-4000 is also capable of in situ measurement of
soluble water in organic liquids such as transformer
oil, gasoline, toluene, acetone, and other
compounds of varying hydrogen bond strengths.
The EMD-4000 is highly repeatable and
interchangeable. The sensor is manufactured in
high yields to ±5% RH or better tolerances. This
results in a sensor that can be used in many
designs without the need for humidity calibration,
where the measuring circuit can be calibrated with
external reference resistors. The EMD-4000 exhibits
function of humidity and temperature and has low
hysteresis and fast response.
The EMD-4000 is priced for Original Equipment
Manufacturers (OEMs) with requirements to incorporate
humidity sensors in HVAC controls, data loggers,
appliances, automotive applications and consumer
products.
Response Curves
5C
15C
25C
35C
45C
1.00E+07
1.00E+06
1.00E+05
1.00E+04
1.00E+03
1.00E+02
10
20
30
40
50
60
70
80
90
RH%
EMD4000 (1 VAC, 1 kHz)
Page 2 of 3
W42014
Willow Technologies Ltd. Unit 3 Borers Yard, Borers Arms Road, Copthorne, West Sussex, RH10 3LH, United Kingdom.
+ 44 (0) 1342 717102
+ 44 (0) 1342 717014
info@willow.co.uk
http://www.willow.co.uk



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com