Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC415LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC415LP3
Description  Power Down Capability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC415LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC415LP3 Datasheet HTML 1Page - Analog Devices HMC415LP3 Datasheet HTML 2Page - Analog Devices HMC415LP3 Datasheet HTML 3Page - Analog Devices HMC415LP3 Datasheet HTML 4Page - Analog Devices HMC415LP3 Datasheet HTML 5Page - Analog Devices HMC415LP3 Datasheet HTML 6Page - Analog Devices HMC415LP3 Datasheet HTML 7Page - Analog Devices HMC415LP3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 66
HMC415LP3 / 415LP3E
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 4.9 - 5.9 GHz
v03.0605
General Description
Features
Functional Diagram
The HMC415LP3 & HMC415LP3E are high effi-
ciency GaAs InGaP Heterojunction Bipolar Tran-
sistor (HBT) MMIC Power amplifiers which operate
between 4.9 and 5.9 GHz. The amplifier is pack-
aged in a low cost, leadless surface mount pack-
age with an exposed base for improved RF and
thermal performance. With a minimum of external
components, the amplifier provides 20 dB of gain,
+26 dBm of saturated power, and 34% PAE from a
+3V supply voltage. Vpd can be used for full power
down or RF output power/current control.
For +15
dBm OFDM output power (64 QAM, 54 Mbps), the
HMC415LP3
&
HMC415LP3E
achieve
an
error
vector magnitude (EVM) of 3.7% meeting 802.11a
linearity requirements.
Gain: 20 dB
34% PAE @ Psat = +26 dBm
3.7% EVM @ Pout = +15 dBm
with 54 Mbps OFDM Signal
Supply Voltage: +3V
Power Down Capability
Low External Part Count
Electrical Specifications, T
A = +25° C, Vs = 3V, Vpd = 3V
Typical Applications
This amplifier is ideal for use as a power
amplifier for 4.9 - 5.9 GHz applications:
• 802.11a WLAN
• HiperLAN WLAN
• Access Points
• UNII & ISM Radios
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
4.9 - 5.1
5.1 - 5.4
5.4 - 5.9
GHz
Gain
18
20
18.5
20.5
16
19
dB
Gain Variation Over Temperature
0.04
0.05
0.04
0.05
0.04
0.05
dB /
°C
Input Return Loss
10
9
8
dB
Output Return Loss
10
12
8
dB
Output Power for 1dB
Compression (P1dB)
Icq = 285 mA
Icq = 200 mA
20
22.5
22.0
20.5
23.0
22.5
18
21.5
21.0
dBm
Saturated Output Power (Psat)
25.5
26
24
dBm
Output Third Order Intercept (IP3)
28
31
29
32
27
30
dBm
Error Vector Magnitude
(54 Mbps OFDM Signal @ +15 dBm Pout)
Icq = 200 mA
3.7
%
Noise Figure
6
6
6
dB
Supply Current (Icq)
Vpd = 0V/3V
0.002 /
285
0.002 /
285
0.002 /
285
mA
Control Current (Ipd)
Vpd = 3V
7
7
7
mA
Switching Speed
tOn, tOff
45
45
45
ns
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC415LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC415LP3 HITTITE-HMC415LP3 Datasheet
278Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC415LP3E HITTITE-HMC415LP3E Datasheet
278Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
More results

Similar Description - HMC415LP3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
High Power Handling Capability
logo
Vincotech
10-F007NIA030SM-P965F39 VINCOTECH-10-F007NIA030SM-P965F39 Datasheet
322Kb / 9P
Reactive power capability
10-FZ06NRA045FH01 VINCOTECH-10-FZ06NRA045FH01 Datasheet
2Mb / 27P
reactive power capability
30-FT12NMA160SH02-M669F28 VINCOTECH-30-FT12NMA160SH02-M669F28 Datasheet
1Mb / 32P
Reactive power capability
logo
STMicroelectronics
STPTIC-68G2 STMICROELECTRONICS-STPTIC-68G2 Datasheet
471Kb / 11P
High power capability
09-Jul-2015
logo
Texas Instruments
XIO1100 TI1-XIO1100_18 Datasheet
400Kb / 37P
Low-Power Capability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com