Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA148X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA148X
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA148X Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA148X Datasheet HTML 1Page - NXP Semiconductors PCA148X Datasheet HTML 2Page - NXP Semiconductors PCA148X Datasheet HTML 3Page - NXP Semiconductors PCA148X Datasheet HTML 4Page - NXP Semiconductors PCA148X Datasheet HTML 5Page - NXP Semiconductors PCA148X Datasheet HTML 6Page - NXP Semiconductors PCA148X Datasheet HTML 7Page - NXP Semiconductors PCA148X Datasheet HTML 8Page - NXP Semiconductors PCA148X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1998 Apr 21
3
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA148x series
FUNCTIONAL DESCRIPTION AND TESTING
The motor output delivers pulses of six different stages
depending on the torque required to turn the motor (Fig.3).
Every motor pulse is followed by a detection phase which
monitors the waveform of the induced motor voltage.
When a step is missed a correction sequence will be
started (Fig.2).
Motor pulses
The circuit produces motor pulses of six different stages
(stage 1 to 5, stage 6).
Stages 1 to 5 are used in normal operation, stage 6 occurs
under the following conditions:
• Correction pulse after a missing step
• End-of-life mode
• If stage 5 is not enough to turn the motor.
The ON state of the motor pulse varies between 43.75%
and 75% of the duty factor tDF = 977 µs depending on the
stage (Fig.3). It increases in steps of 6.25% per stage.
After a RESET the circuit always starts and continues with
stage 1, when all motor pulses have been executed.
A failure to execute all motor pulses results in the circuit
going into stage 2, this sequence will be repeated through
to stage 6.
When the motor pulses at stage 5 are not large enough to
turn the motor, stage 6 is implemented for a maximum of
8 minutes with no attempt to keep current consumption
low. After stage 6 has been executed the procedure is
repeated from RESET.
The circuit operates for 8 minutes at a fixed stage, if every
motor pulse is executed. The next 480 motor pulses are
then produced at the next lower stage unless a missing
step is detected. If a step is missed a correction sequence
is produced and for a maximum of 8 minutes the motor
pulses are increased by one stage.
Fig.2 Possible motor output waveform in normal operation with motor connected.
MSA969
MOTOR
PULSE
DETECTION
t P
t D
t C
POSSIBLE CORRECTION
SEQUENCE
t T
M1 - M2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com