Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA1485U/7 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA1485U/7
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1485U/7 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA1485U/7 Datasheet HTML 12Page - NXP Semiconductors PCA1485U/7 Datasheet HTML 13Page - NXP Semiconductors PCA1485U/7 Datasheet HTML 14Page - NXP Semiconductors PCA1485U/7 Datasheet HTML 15Page - NXP Semiconductors PCA1485U/7 Datasheet HTML 16Page - NXP Semiconductors PCA1485U/7 Datasheet HTML 17Page - NXP Semiconductors PCA1485U/7 Datasheet HTML 18Page - NXP Semiconductors PCA1485U/7 Datasheet HTML 19Page - NXP Semiconductors PCA1485U/7 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
1998 Apr 21
17
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA148x series
PACKAGE OUTLINE
UNIT
ce
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
DIMENSIONS (mm are the original dimensions)
SOT144-1
94-01-25
95-01-24
b
n
max.
L
m
max.
H E
0.40
0.25
0.19
0.12
3.1
2.9
3.1
2.9
4.6
4.4
0.80
0.75
0.26
0.3
Q 1
Q 2
w
t
0.40
0.30
0.1
0.40
0.30
0.95
0.90
0.70
L
w M
b
Q 2
Q 1
0
2.5
5 mm
scale
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
E
(1)
(1)
D
e
t
n
pin 1 index
4
1
5
8
D
E
c
m
X
detail X
PMFP8: plastic micro flat package; 8 leads (straight)
SOT144-1
A2
A 2
HE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com