Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA1676U/10 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA1676U/10
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1676U/10 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA1676U/10 Datasheet HTML 1Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 2Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 3Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 4Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 5Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 6Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 7Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 8Page - NXP Semiconductors PCA1676U/10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Apr 03
2
Philips Semiconductors
Product specification
32 kHz watch circuits using a silver-oxide
or a 3 V lithium battery
PCA167x series
FEATURES
• 32 kHz oscillator, amplitude regulated with excellent
frequency stability
• High immunity of the oscillator to leakage currents
• Very low current consumption; typically 150 nA
• Stop function for accurate timing
• Chopped motor pulses available
• Power-on reset for fast testing
• Various test modes for testing the mechanical parts of
the watch and the IC.
GENERAL DESCRIPTION
The PCA167x series devices are CMOS integrated circuits
specially suited for battery-operated,
quartz-crystal-controlled wrist-watches, with a bipolar
stepping motor.
ORDERING INFORMATION
Note
1. Figure 1 and Chapter “Package outline” show details of standard package, available for large orders only.
Chapter “Chip dimensions and bonding pad locations” shows exact pad locations for other delivery formats.
TYPE
NUMBER
PACKAGE(1)
NAME
DESCRIPTION
VERSION
PCA1672U
−
chip in tray
−
PCA1673U
−
chip in tray
−
PCA1675U
−
chip in tray
−
PCA1676U/10
−
chip on foil
−
PCA1677U
−
chip in tray
−
PINNING
SYMBOL
PIN
DESCRIPTION
VSS
1
ground (0 V)
TEST
2
test output
OSC IN
3
oscillator input
OSC OUT
4
oscillator output
VDD
5
positive supply voltage
M1
6
motor 1 output
M2
7
motor 2 output
RESET
8
reset input
Fig.1 Pin configuration, PCA167xT, (PMFP8).
1
2
3
4
8
7
6
5
PCA167xT
VSS
TEST
OSC IN
OSC OUT
RESET
M2
M1
VDD
MSA978



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com