Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA1603U/7 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA1603U/7
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1603U/7 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA1603U/7 Datasheet HTML 6Page - NXP Semiconductors PCA1603U/7 Datasheet HTML 7Page - NXP Semiconductors PCA1603U/7 Datasheet HTML 8Page - NXP Semiconductors PCA1603U/7 Datasheet HTML 9Page - NXP Semiconductors PCA1603U/7 Datasheet HTML 10Page - NXP Semiconductors PCA1603U/7 Datasheet HTML 11Page - NXP Semiconductors PCA1603U/7 Datasheet HTML 12Page - NXP Semiconductors PCA1603U/7 Datasheet HTML 13Page - NXP Semiconductors PCA1603U/7 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1997 Dec 12
10
Philips Semiconductors
Product specification
32 kHz watch circuits with EEPROM
PCA16xx series
APPLICATION INFORMATION
Fig.6 Typical application circuit diagram.
(1) Quartz crystal case should be connected to VDD. Stray capacitance and leakage resistance from RESET, M1 or M2 to OSC IN should be less than
0.5 pF or larger than 20 M
Ω.
MSA974
VDD
M1
M2
RESET
VSS
TEST
OSC IN
OSC OUT
M
(1)
1.55 V
PCA16xx
SERIES
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com